công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PDTC144WS bảng dữ liệu(PDF) 6 Page - Nexperia B.V. All rights reserved

tên linh kiện PDTC144WS
Giải thích chi tiết về linh kiện  NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC144WS bảng dữ liệu(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PDTC144WS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2004 Aug 17
5
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 22 kΩ
PDTC144W series
THERMAL CHARACTERISTICS
Notes
1.
Refer to standard mounting conditions.
2.
Reflow soldering is the only recommended soldering method.
3.
Refer to SOT883 standard mounting conditions; FR4 with 60
μm copper strip line.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
SOT54
note 1
250
K/W
SOT23
note 1
500
K/W
SOT346
note 1
500
K/W
SOT323
note 1
625
K/W
SOT490
notes 1 and 2
500
K/W
SOT883
notes 2 and 3
500
K/W
SOT416
note 1
833
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 50 V; IE = 0 A
−
−
100
nA
ICEO
collector-emitter cut-off current
VCE = 30 V; IB = 0 A
−
−
1
μA
VCE = 30 V; IB = 0 A; Tj = 150 °C
−
−
50
μA
IEBO
emitter-base cut-off current
VEB = 5 V; IC = 0 A
−
−
110
μA
hFE
DC current gain
VCE = 5 V; IC = 5 mA
60
−
−
VCEsat
collector-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA
−
−
150
mV
Vi(off)
input-off voltage
IC = 100 μA; VCE = 5 V
−
1.7
1.2
V
Vi(on)
input-on voltage
IC = 2 mA; VCE = 0.3 V
4
2.7
−
V
R1
input resistor
33
47
61
k
Ω
resistor ratio
0.37
0.47
0.57
Cc
collector capacitance
IE = ie = 0 A; VCB = 10 V;
f = 1 MHz
−
−
2.5
pF
R2
R1
-------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com