công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PDTC144WS bảng dữ liệu(PDF) 3 Page - Nexperia B.V. All rights reserved

tên linh kiện PDTC144WS
Giải thích chi tiết về linh kiện  NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC144WS bảng dữ liệu(HTML) 3 Page - Nexperia B.V. All rights reserved

  PDTC144WS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2004 Aug 17
2
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 22 kΩ
PDTC144W series
FEATURES
• Built-in bias resistors
• Simplified circuit design
• Reduction of component count
• Reduced pick and place costs.
APPLICATIONS
• General purpose switching and amplification
• Inverter and interface circuits
• Circuit driver.
QUICK REFERENCE DATA
DESCRIPTION
NPN resistor-equipped transistor (see “Simplified outline,
symbol and pinning” for package details).
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VCEO
collector-emitter
voltage
−
50
V
IO
output current (DC)
−
100
mA
R1
bias resistor
47
−
k
Ω
R2
bias resistor
22
−
k
Ω
PRODUCT OVERVIEW
Note
1.
* = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
TYPE NUMBER
PACKAGE
MARKING CODE
PNP COMPLEMENT
PHILIPS
EIAJ
PDTC144WE
SOT416
SC-75
42
PDTA144WE
PDTC144WEF
SOT490
SC-89
34
PDTA144WEF
PDTC144WK
SOT346
SC-59
41
PDTA144WK
PDTC144WM
SOT883
SC-101
DD
PDTA144WM
PDTC144WS
SOT54 (TO-92)
SC-43
TC144W
PDTA144WS
PDTC144WT
SOT23
−
*20(1)
PDTA144WT
PDTC144WU
SOT323
SC-70
*20(1)
PDTA144WU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com