công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATS16951PSM bảng dữ liệu(PDF) 12 Page - Allegro MicroSystems

tên linh kiện ATS16951PSM
Giải thích chi tiết về linh kiện  GMR Speed and Direction Crankshaft Sensor with Three-Wire, Pulse-Width Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS16951PSM bảng dữ liệu(HTML) 12 Page - Allegro MicroSystems

Back Button ATS16951PSM Datasheet HTML 6Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 7Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 8Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 9Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 10Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 11Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 12Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 13Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
GMR Speed and Direction Crankshaft Sensor
with Three-Wire, Pulse-Width Output
ATS16951PSM
12
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
POWER DERATING
The device must operate below the rated maximum junction temperature
of the device, TJ(max). Under certain peak operating conditions, reliable
operation may require power supply voltage derating and/or improved
heat dissipation to ensure proper operation. This section presents a
procedure for correlating factors that affect the operating junction tem-
perature TJ. (Thermal data is also available on the Allegro MicroSystems
website.)
The Package Thermal Resistance, RθJA, is a figure of merit summariz-
ing the ability of the package to dissipate heat from the junction (die),
through all paths, to the ambient air. Its primary component is the Effec-
tive Thermal Conductivity, K, of the printed circuit board, including
adjacent devices and traces. Radiation from the die through the device
case, RθJC, is a relatively small component of RθJA. Ambient air tem-
perature, TA, and air motion are significant external factors, damped by
overmolding.
The effect of varying power levels (Power Dissipation, PD), can be esti-
mated. The following formulas represent the fundamental relationships
used to estimate TJ, at PD.
PD = VIN × IIN
(1)
Δ
T = PD × RθJA
(2)
TJ = TA + ΔT
(3)
For example, given common conditions such as: TA= 25°C, VCC = 12 V,
ICC = 7 mA, and RθJA = 147°C/W, then:
PD = VCC × ICC = 12 V × 7 mA = 84 mW
Δ
T = PD × RθJA = 84 mW × 147°C/W = 12.3°C
TJ = TA + ΔT = 25°C + 12.3°C = 37.3°C
A worst-case estimate, PD(max), represents the maximum allowable
power level (VCC(max), ICC(max)), without exceeding TJ(max), at a selected
RθJA and TA.
Example:
Reliability for VCC at TA=160°C, estimated values based on package
SM, using single layer PCB.
Observe the worst-case ratings for the device, specifically:
RθJA=147°C/W, TJ(max) =175°C, VCC(absmax)= 24 V, and ICC = 14 mA.
Calculate the maximum allowable power level, PD(max). First, solve
equation 3 for ΔT(max), the specified TJ(max), and TA:
Δ
T(max) = TJ(max) – TA = 175°C–160°C = 15°C
This provides the allowable increase to TJ resulting from internal power
dissipation. Then, solve equation 2 for PD(max):
PD(max) = ΔT(max) ÷RθJA =15°C÷147°C/W=102mW
Finally, solve equation 1 with respect to supply voltage:
VCC(est) = PD(max) ÷ ICC= 102 mW÷14mA=7.3 V
The result indicates that, at TA, the application and device can dissipate
adequate amounts of heat at voltages ≤VCC(est).
Compare VCC(est) to VCC(max). If VCC(est) ≤ VCC(max), then reliable opera-
tion between VCC(est) and VCC(max) requires enhanced RθJA. If VCC(est) ≥
VCC(max), then operation between VCC(est) and VCC(max) is reliable under
these conditions.
THERMAL CHARACTERISTICS: May require derating at maximum conditions
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
RθJA
1-layer PCB with copper limited to solder pads
147
°C/W
*Additional thermal information available on the Allegro website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com