công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATS16951PSM bảng dữ liệu(PDF) 11 Page - Allegro MicroSystems

tên linh kiện ATS16951PSM
Giải thích chi tiết về linh kiện  GMR Speed and Direction Crankshaft Sensor with Three-Wire, Pulse-Width Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS16951PSM bảng dữ liệu(HTML) 11 Page - Allegro MicroSystems

Back Button ATS16951PSM Datasheet HTML 6Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 7Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 8Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 9Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 10Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 11Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 12Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 13Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
GMR Speed and Direction Crankshaft Sensor
with Three-Wire, Pulse-Width Output
ATS16951PSM
11
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
method. If chosen to be activated, during the first or second
revolution, the device will self-adapt to improve the signal and
achieve better performances. During this self-adaptation period,
only the edge accuracy might be slightly affected. Once this
period is finished, the device will function with its highest perfor-
mances for accuracy and repeatability.
STOP & GO MODE
In certain engine management applications, it is possible for large
temperature changes to occur while the target is stationary. These
temperature changes can affect the differential magnetic signals.
The Stop & Go algorithm compensates for such shifts in the pro-
cessed signal. Once normal rotation resumes, the part will return
to running mode.
Diagnostic Capability
When diagnostic functionality is activated, the device continu-
ously monitors itself, from the signal chain to output levels, and
reports a fault by driving the output to the safe state (VOUT(SAFE))
for a period of time defined by tw(ASIL_safe). After this period of
time, the device will attempt to recover by self-reset. In case of
permanent detectable failure, the sequence is repeated indefinitely
(see Figure 11).
tw(ASIL_safe) tPO tw
(ASIL_safe)
VPU
VOUT(LOW)
VOUT(SAFE)
Normal opera�ons
Permanent failure
tw(FWD)
tw(REV)
VOUT(HIGH)
Figure 11: ASIL Output Behavior (ASIL Option -A)
Note: For ASIL option -B, VOUT(HIGH) and VOUT(LOW)
would be at the same level as VPU or VOUT(SAFE)
The ATS16951PSM is programmable to allow for system failure
detection such as Output Pin short circuit or open wire. In such
cases, output goes above or below normal operating voltage
range (VOUT(LOW) or VOUT(HIGH)), depending on the failure mode
(ASIL option -A).
Target Profile Diagnostics
Target Profile Diagnostics allows customers to characterize a gear
target during manufacturing, and to detect any subtle gear tooth
anomalies that may exist before an engine is installed into the
vehicle, thus saving cost. It has the potential to reduce warranty
returns, thus increasing customer satisfaction.
APPLICATION INFORMATION
Power Supply Protection
The ATS16951PSM contains an on-chip regulator and can oper-
ate across a wide supply voltage range. With only a single pull-up
resistor necessary for proper operation, as shown in Figure 2,
design time and assembly costs are reduced for most applications.
Contact Allegro MicroSystems for information on EMC specifi-
cation compliance.
Target Design
The ATS16951PSM is designed to provide highly accurate
switching at each switching feature detected, including switching
at the first switching feature after power-on, as well as at the first
switching feature after a reversal in the direction of target rota-
tion. Contact Allegro for support on target design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com