công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATS16951PSM bảng dữ liệu(PDF) 4 Page - Allegro MicroSystems

tên linh kiện ATS16951PSM
Giải thích chi tiết về linh kiện  GMR Speed and Direction Crankshaft Sensor with Three-Wire, Pulse-Width Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS16951PSM bảng dữ liệu(HTML) 4 Page - Allegro MicroSystems

  ATS16951PSM Datasheet HTML 1Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 2Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 3Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 4Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 5Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 6Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 7Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 8Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
GMR Speed and Direction Crankshaft Sensor
with Three-Wire, Pulse-Width Output
ATS16951PSM
4
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
26.5
V
Output Voltage
VPU
26.5
V
Reverse Supply Voltage
VRCC
–18
V
Reverse Supply Current
IRCC
50
mA
Reverse Output Voltage
VROUT
–0.5
V
Output Sink Current
IOUT
25
mA
Operating Ambient Temperature
TA
Range P
–40 to 160
°C
Maximum Junction Temperature
TJ(max)
175
°C
Storage Temperature
Tstg
–65 to 170
°C
Applied Magnetic Flux Density
B
In any direction
500
G
PINOUT LIST
Number
Name
Function
1
VCC
Supply voltage
2
GND
Ground
3
OUT
Device output
INTERNAL DISCRETE COMPONENT RATINGS
Symbol
Characteristic
Rating
Unit
CSUPPLY
Nominal Capacitance
220
nF
COUT
Nominal Capacitance
2.2
nF
RSUPPLY
Nominal Resistance
33
Ω
ROUT
Nominal Resistance
20
Ω
V
S
V
PU
R
PU
1
VCC
3
OUT
2 GND
C
OUT
C
SUPPLY
ATS16951PSM
Sensor IC
Output
R
OUT
R
SUPPLY
Figure 2: Typical Application Circuit
Figure 3: Pinout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com