| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GT-503GB bảng dữ liệu(PDF) 9 Page - Yuechung International Corp. |
|
|
|||||||||||||||||||||||||||||
GT-503GB bảng dữ liệu(HTML) 9 Page - Yuechung International Corp. |
|
9 / 11 page ![]() GT Series Yuechung International Corp. (YIC) 9 URL: www.yic.com.tw E-mail: service@yic.com.tw Y YI IC C GSV-GNSS Satellites in View Table 5 contains the values of the following example: $GPGSV , 2, 1, 07, 07, 79,048, 42, 02, 51,062, 43, 26, 36,256, 42, 27, 27, 138,42*71 $GPGSV, 2, 2, 07, 09, 23,313, 42, 04, 19, 159, 41, 15,12,041, 42*41. Table 5: GGA Data Format Name Example Units Description Message ID $GPGSV GSV protocol header Number ofMessage 2 Range 1 to 3 Message Number 1 Range 1 to 3 Satellites in View 07 Satellite ID 07 Channel 1(Range 1 to 32) Elevation 79 degrees Channel 1(Maximum 90) Azinmuth 048 degrees Channel 1(True, Range 0 to 359) SNR(C/NO) 42 dBHz Range 0 to 99,null when not tracking … … Satellite ID 27 Channel 4(Range 1 to 32) Elevation 27 degrees Channel 4(Maximum 90) Azimuth 138 degrees Channel 4(True, Range 0 to 359) SNR(C/NO) 42 dBHz Range 0 to 99, null when not tracking Checksum *71 <CR><LF> End of message termination Depending on the number of satellites tracked multiple messages of GSV data may berequired |