| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GT-503GB bảng dữ liệu(PDF) 6 Page - Yuechung International Corp. |
|
|
|||||||||||||||||||||||||||||
GT-503GB bảng dữ liệu(HTML) 6 Page - Yuechung International Corp. |
|
6 / 11 page ![]() GT Series Yuechung International Corp. (YIC) 6 URL: www.yic.com.tw E-mail: service@yic.com.tw Y YI IC C GGA-Global Positioning System Fixed Data Table 2 contains the values of the following example: $GPGGA, 161229.487,3723.24751,N, 12158.34160,W, 1,07,1.0,9.0,M.0000*18 Table 2: GGA Data Format Name Example Units Description Message ID $GPGGA GGA protocol header UTC Position 161229.487 hhmmss.sss Latitude 3723.24571 ddmm.mmmmm N/S indicator N N=north or S=south Longitude 12158.34160 ddmm.mmmmm E/W Indicator W E=east orW=west Position FixIndicator 1 See Table 2-1 Satellites Used 07 Range 0 to 12 HDOP 1.0 Horizontal Dilution of Precision MSLAltitude 9.0 meters Units M meters Geoids Separation meters Units M meters Age of Diff.Corr. second Null fields when DGPS is not Used Diff.Ref.Station ID 0000 Checksum *18 <CR><LF> End of message termination Table 2-1: Position Fix Indicators Value Description 0 Fix not available or invalid 1 GPS SPS Mode, fix valid 2 Differential GPS, SPS Mode, fix valid 3 GPS PPS Mode, fix valid |