| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GT-503GB bảng dữ liệu(PDF) 8 Page - Yuechung International Corp. |
|
|
|||||||||||||||||||||||||||||
GT-503GB bảng dữ liệu(HTML) 8 Page - Yuechung International Corp. |
|
8 / 11 page ![]() GT Series Yuechung International Corp. (YIC) 8 URL: www.yic.com.tw E-mail: service@yic.com.tw Y YI IC C GSA-GNSS DOP and Active Satellites Table 4 contains the values of the following example: $GPGSA , A, 3, 07, 02, 26,27, 09, 04,15, , , , , , 1.8,1.0,1.5*33. Table 4: GSA Data Format Name Example Units Description Message ID $GPGSA GSA protocol header Mode 1 A See Table 4-1 Mode 2 3 See Table 4-2 Satellite Used 07 Sv on Channel 1 Satellite Used 02 Sv on Channel 2 … … … Satellite Used Sv on Channel 12 PDOP 1.8 Position Dilution of Precision HDOP 1.0 Horizontal Dilution of Precision VDOP 1.5 Vertical Dilution of Precision Checksum *33 <CR><LF> End of message termination Table 4-1: Mode 1 Value Description 1 Fix not available 2 2D 3 3D Table 4-2: Mode 2 Value Description M Manual-forced to operate in 2D or 3D mode A Automatic-allowed to automatically switch 2D/3D |