công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

82P20516DBF bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp

tên linh kiện 82P20516DBF
Giải thích chi tiết về linh kiện  16-Channel Short Haul E1 Line Interface Unit
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P20516DBF bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp

Back Button 82P20516DBF Datasheet HTML 17Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 18Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 19Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 20Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 21Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 22Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 23Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 24Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
IDT82P20516
16-CHANNEL SHORT HAUL E1 LINE INTERFACE UNIT
Functional Description
21
December 17, 2009
3.2.2.1 Line Monitor
In both E1 short haul applications, the Protected Non-Intrusive Moni-
toring can be performed between two devices. The monitored channel of
one device is in normal operation, and the monitoring channel of the
other device taps the monitored one through a high impedance bridging
circuit (refer to Figure-7 and Figure-8).
After the high resistance bridging circuit, the signal arriving at RTIPn/
RRINGn of the monitoring channel is dramatically attenuated. To
compensate this bridge resistive attenuation, Monitor Gain can be used
to boost the signal by 20 dB, 26 dB or 32 dB, as selected by the MG[1:0]
bits (b1~0, RCF2,...). For normal operation, the Monitor Gain should be
set to 0 dB, i.e., the Monitor Gain of the monitored channel should be 0
dB.
The monitoring channel can be configured to any of the External,
Partially Internal or Fully Internal Impedance Matching mode. Here the
external r or internal IM is used for voltage division, not for impedance
matching. That is, the r (IM) and the two R make up of a resistance
bridge. The resistive attenuation of this bridge is 20lg(r/(2R+r)) dB.
Note that line monitor is only available in differential line interface.
3.2.2.2 Receive Sensitivity
The receive sensitivity is the minimum range of receive signal level
for which the receiver recovers data error-free with -18 dB interference
signal added.
For Receive Differential line interface, the receive sensitivity is -15
dB.
For Receive Single Ended line interface, the receive sensitivity is -12
dB.
Figure-7 Receive Path Monitoring
Figure-8 Transmit Path Monitoring
RTIPn
RRINGn
RTIPn
RRINGn
monitored channel
monitoring channel
DSX cross
connect point
R
monitor gain
= 20/26/32 dB
monitor gain
= 0 dB
R
r
TTIPn
TRINGn
RTIPn
RRINGn
monitored channel
monitoring channel
DSX cross
connect point
R
monitor gain
= 20/26/32 dB
monitor gain
= 0 dB
R
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com