công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

82P20516DBF bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện 82P20516DBF
Giải thích chi tiết về linh kiện  16-Channel Short Haul E1 Line Interface Unit
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P20516DBF bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button 82P20516DBF Datasheet HTML 9Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 10Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 11Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 12Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 13Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 14Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 15Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 16Page - Renesas Technology Corp 82P20516DBF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
IDT82P20516
16-CHANNEL SHORT HAUL E1 LINE INTERFACE UNIT
Pin Description
13
December 17, 2009
Name
I / O
Pin No.
Description
System Interface
RDn / RDPn
(n=0~15)
Output
AA8, Y2, AA2, AA5, AB4, AB20,
AA18, AA21, B18, E16, E14, E12,
E11, E9, E7, A5
RDn: Receive Data for Channel 0 ~ 15
When the receive system interface is configured to Single Rail NRZ Format mode, this multi-
plex pin is used as RDn.
The decoded NRZ data is updated on the active edge of RCLKn. The active level on RDn is
selected by the RD_INV bit (b3, RCF1,...).
When the receiver is powered down, RDn will be in High-Z state or low, as selected by the
RHZ bit (b6, RCF0,...).
RDPn: Positive Receive Data for Channel 0 ~ 15
When the receive system interface is configured to Dual Rail NRZ Format mode, Dual Rail RZ
Format mode or Dual Rail Sliced mode, this multiplex pin is used as RDPn.
In Receive Dual Rail NRZ Format mode, the un-decoded NRZ data is output on RDPn and
RDNn and updated on the active edge of RCLKn.
In Receive Dual Rail RZ Format mode, the un-decoded RZ data is output on RDPn and RDNn
and updated on the active edge of RCLKn.
In Receive Dual Rail Sliced mode, the raw RZ sliced data is output on RDPn and RDNn.
For Receive Differential line interface, an active level on RDPn indicates the receipt of a posi-
tive pulse on RTIPn and a negative pulse on RRINGn; while an active level on RDNn indi-
cates the receipt of a negative pulse on RTIPn and a positive pulse on RRINGn.
For Receive Single Ended line interface, an active level on RDPn indicates the receipt of a
positive pulse on RTIPn; while an active level on RDNn indicates the receipt of a negative
pulse on RTIPn.
The active level on RDPn and RDNn is selected by the RD_INV bit (b3, RCF1,...).
When the receiver is powered down, RDPn and RDNn will be in High-Z state or low, as
selected by the RHZ bit (b6, RCF0,...).
RDNn
(n=0~15)
Output
V9, V5, W7, W8, W9, W19, T15,
V18, E17, B16, B14, B12, B11, B9,
B7, D6
RDNn: Negative Receive Data for Channel 0 ~ 15
When the receive system interface is configured to Dual Rail NRZ Format mode, Dual Rail RZ
Format mode or Dual Rail Sliced mode, this multiplex pin is used as RDNn.
(Refer to the description of RDPn for details).
RCLKn
(n=0~15)
Output
AB7, W4, AA3, AB2, AA7, AA17,
AB22, W18, A18, A16, A14, A12,
A11, A9, A7, E6
RCLKn: Receive Clock for Channel 0 ~ 15
When the receive system interface is configured to Single Rail NRZ Format mode, Dual Rail
NRZ Format mode or Dual Rail RZ Format mode, this multiplex pin is used as RCLKn.
RCLKn outputs a 2.048 MHz (in E1 mode) clock which is recovered from the received signal.
The data output on RDPn/RDNn (in Receive Dual Rail NRZ Format mode, Receive Dual Rail
RZ Format mode and Receive Dual Rail Sliced) is updated on the active edge of RCLKn. The
active edge is selected by the RCK_ES bit (b4, RCF1,...).
In LLOS condition, RCLKn output high or XCLK,
as selected by the RCKH bit (b7,
RCF0
,...) (refer to Section 3.5.3.1 Line LOS (LLOS) for details).
When the receiver is powered down, RCLKn will be in High-Z state or low, as selected by the
RHZ bit (b6, RCF0,...).
LLOS
Output
AB14
LLOS: Receive Line Loss Of Signal
LLOS synchronizes with the output of CLKE1 and can indicate the LLOS (Line LOS) status of
all 16 channels in a serial format.
When the clock output on CLKE1 is enabled, LLOS indicates the LLOS status of the 16 chan-
nels in a serial format and repeats every seventeen cycles. The start filler is positioned by
LLOS0. Refer to the description of LLOS0 below for details.
LLOS is updated on the rising edge of CLKE1 and is always active high.
When the clock output of CLKE1 is disabled, LLOS will be held in High-Z state.
(Refer to Section 3.5.3.1 Line LOS (LLOS) for details.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com