| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347E bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347E bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 108 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 3 10 Freescale Semiconductor Electrical Characteristics 2.2 Power Sequencing MPC8347EA does not require the core supply voltage and I/O supply voltages to be applied in any particular order. Note that during the power ramp up, before the power supplies are stable, there may be a period of time that I/O pins are actively driven. After the power is stable, as long as PORESET is asserted, most I/O pins are tri-stated. To minimize the time that I/O pins are actively driven, it is recommended to apply core voltage before I/O voltage and assert PORESET before the power supplies fully ramp up. |