công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPL3150A2ST1 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện MPL3150A2ST1
Giải thích chi tiết về linh kiện  I2C precision pressure sensor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL3150A2ST1 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button MPL3150A2ST1 Datasheet HTML 4Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 5Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 6Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 7Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 8Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 9Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 10Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 11Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
NXP Semiconductors
MPL3150A2S
I2C precision pressure sensor
9.4 Electrical characteristics
@ VDD = 2.5 V, T = 25 °C unless otherwise noted.
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDDIO
I/O supply voltage
1.62
1.8
3.6
V
VDD
Operating supply voltage
1.95
2.5
3.6
V
Highest speed mode
oversample = 1
8.5
µA
Standard mode oversample
= 16
40
µA
IDD
Integrated current 1 update
per second
High-resolution mode
oversample = 128
265
µA
IDDMAX
Max current during
acquisition and conversion
During acquisition/
conversion
2
mA
IDDSTBY
Supply current drain in
STANDBY mode
STANDBY mode selected
SBYB = 0
2
µA
VIH
Digital high-level input
voltage
SCL, SDA
0.75
VDDIO
VIL
Digital low-level input voltage
SCL, SDA
0.3
VDDIO
VOH
High-level output voltage
INT1, INT2
IO = 500 µA
0.9
VDDIO
VOL
Low-level output voltage
INT1, INT2
IO = 500 µA
0.1
VDDIO
VOLS
Low-level output voltage
SDA
IO = 500 µA
0.1
VDDIO
High-speed mode
60
ms
TON
Turn-on time [1][2][3]
High-resolution mode
1000
ms
TOP
Operating temperature range —
−40
25
+85
°C
I2C addressing
I2C Address
0x62
Hex
The device uses 7-bit addressing and does not acknowledge general call address 000 0000. Client address has been set
to 62h or 110 0010. 8-bit read is C5h, 8-bit write is C4h.
Table 6. Electrical characteristics
[1]
Time to obtain valid data from STANDBY mode to ACTIVE mode
[2]
High-speed mode is achieved by setting the oversample rate of 1x.
[3]
High-resolution mode is achieved by setting the oversample to 128x.
10 Digital interface
The registers embedded inside the device are accessed through an I2C serial interface.
MPL3150A2S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 8 May 2023
8 / 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com