| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF0AES2001DUD bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF0AES2001DUD bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 72 page ![]() NXP Semiconductors MF0AES(H)20 MIFARE Ultralight AES contactless limited-use IC 1.6 Naming conventions MF0AES(H)xyffdpp Description MF0 MIFARE Ultralight family AES AES … Advanced Encryption Standard (H) One-character identifier for input capacitance ... 17 pF H ... 50 pF x One-character identifier for user memory size 2 … 144 byte y 0 … EV0 f One-character identifier for UID type 0 … 7B UID f One-character identifier for the source 1 ... Single source 0 ... Multi source Dpp Fixed plus two-character identifier for the package type UF ... bare die, 75 μm thickness UD ... bare die, 120 μm thickness A8 ... MOA8 contactless module Table 1. Naming conventions MF0AES_H_20 All information provided in this document is subject to legal disclaimers. © 2023 NXP B.V. All rights reserved. Product data sheet Rev. 3.2 — 28 March 2023 4 / 72 |