công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF0AES2001DUD bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện MF0AES2001DUD
Giải thích chi tiết về linh kiện  MIFARE Ultralight AES contactless limited-use IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF0AES2001DUD bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  MF0AES2001DUD Datasheet HTML 1Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 2Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 3Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 4Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 5Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 6Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 7Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 8Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
NXP Semiconductors
MF0AES(H)20
MIFARE Ultralight AES contactless limited-use IC
1.5 Security and privacy
• Common Criteria certification: EAL3+ (AVA_VAN.2)
• 3-pass mutual AES authentication based on a key length of 128-bit
• Configurable secure messaging communication mode
- CMAC for message integrity protection according to NIST Special Publication 800-38B, see [15].
• Three independent 24-bit one-way counters with optional AES authentication protection of one counter
• Unique 7-byte IDentifier for each device
• Random ID (optional) for enhanced privacy. Compliant to ISO14443-3
• 32-bit user programmable OTP area
• Field programmable read-only locking function per page for the first 512 bit
• Read-only locking per block of 2 pages for the memory above 512 bit
• Pre-programmed ECC-based originality signature, offering the possibility for customizing and permanently
locking
• AES-based originality key leveraging the AES authentication to check the NXP origin of the IC via NXP tools
Note: MF0AES(H)20 comes with an external CC EAL3+ certification targeting basic attack potential
(AVA_VAN.2). Hence, the contactless IC does not claim to be completely resistant. In case of broader protection
is required, products with a higher security certification should be considered.
MF0AES_H_20
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.2 — 28 March 2023
3 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com