công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HU2W331MCAS2WPEC bảng dữ liệu(PDF) 1 Page - AIC tech Inc.

tên linh kiện HU2W331MCAS2WPEC
Giải thích chi tiết về linh kiện  Useful of 4,000 hours at 105ºC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AICTECH [AIC tech Inc.]
Trang chủ  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

HU2W331MCAS2WPEC bảng dữ liệu(HTML) 1 Page - AIC tech Inc.

  HU2W331MCAS2WPEC Datasheet HTML 1Page - AIC tech Inc. HU2W331MCAS2WPEC Datasheet HTML 2Page - AIC tech Inc. HU2W331MCAS2WPEC Datasheet HTML 3Page - AIC tech Inc. HU2W331MCAS2WPEC Datasheet HTML 4Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HU Series
Product Specifications
• Conform RoHS
Features
• The HU series is the miniaturization
products of 4,000 hours.
A continuous load should be avoided over 10 Arms at the
terminal in accordance with the permissible current.
Please consult us when the ripple voltage exceeds 70Vp-p.
Product code
Environmental code
Plate code
Case height code
Case dia code
Terminal code
Capacitance tolerance code
Capacitance code
Rated voltage code
(Example) HU Series 400V 330
μF ±20%
HU 2G 331 M C A
WP
S2
EC
Type of
series
Ripple current correction coefficient
Temperature (
℃ )
60
70
85
105
Correction
coefficient
200
∼500V.DC
1.9
1.7
1.4
1.0
550V.DC
1.7
1.5
1.3
1.0
Frequency (Hz)
50 / 60
120
300
1K
≧10K
Correction coefficient
0.7
1.0
1.1
1.3
1.4
10
φD±1*
2-claw short terminal
(Terminal code : C)
4-claw terminal
(Terminal code : S)
Snap Lock Terminal
PET Sleeve
Case vent
4.0
±0.5
L
±2*
Plate less
Case vent
Plate less
(Unit : mim)
φD±1
6.3
±1
L
±2
BLANK terminals
BLANK terminals
(Unit : mim)
PET Sleeve
Snap Lock Terminal
*Products marked with * in the standard products table : φD±1.5, L±2.5
 (For details of product specifications please request specification sheet.)
Dimensions
Items
Specifications
Temperature range
−40℃∼ +105℃(200, 250V.DC)
−25℃∼ +105℃(400 ∼ 550V.DC)
Rated voltage
200
∼ 550V.DC
Capacitance tolerance
±20%(20℃,120Hz)
Leakage current
0.02CV (
μA) or 3mA, whichever is smaller or less(20℃,after 5 minutes)
[C = nominal capacitance (μF), V = rated voltage (V)]
Dissipation factor
Less than the value specified in the standard products table.
(20℃,120Hz)
Permissible ripple current
As specified in the standard products table.
(105℃,120Hz)
Endurance
After the rated voltage with specified ripple current is applied at 105
℃ for 2000 hours :
Capacitance change : Within
±20% of the initial value measured
Dissipation factor
: 200% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Shelf life
The following specification shall be meet when the capacitor are restored to 20
℃ after storage of 500 hours
at 105
℃ with no voltage applied. Before the measurement, the capacitor shall be preconditioned by applying
the voltage treatment according to Item 4.1 of JIS C 5101-4.
Capacitance change : Within
±15% of the initial value measured
Dissipation factor
: 175% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Others
J
ⅠS C 5101-4
UPGRADE!
Refer to page 118-119 for other terminal shape available on request.
HU3
→
ZL
P.124
Small-size
HU
Long-life
P.132
HU4, HU5
Small-size
→
→


Số phần tương tự - HU2W331MCAS2WPEC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AIC tech Inc.
HU2W330MLS25EC AICTECH-HU2W330MLS25EC Datasheet
820Kb / 3P
Useful of 2,000 hours at 105ºC
More results

Mô tả tương tự - HU2W331MCAS2WPEC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AIC tech Inc.
GX2 AICTECH-GX2 Datasheet
65Kb / 2P
Useful of 8,000 hours at 105ºC
HCG7A AICTECH-HCG7A Datasheet
68Kb / 3P
Useful of 4,000 hours at 105ºC
HCGF5A AICTECH-HCGF5A Datasheet
70Kb / 3P
Useful of 4,000 hours at 85ºC
HCGHA AICTECH-HCGHA Datasheet
72Kb / 3P
Useful of 4,000 hours at 105ºC
HU3 AICTECH-HU3 Datasheet
80Kb / 4P
Useful of 4,000 hours at 105ºC
RIDOHL AICTECH-RIDOHL Datasheet
817Kb / 3P
Useful of 5,000 hours at 105ºC
ZR AICTECH-ZR Datasheet
67Kb / 2P
Useful of 5,000 hours at 105ºC
VG1E154YD094 AICTECH-VG1E154YD094 Datasheet
91Kb / 6P
Useful of 4,000 hours at 105ºC
VGL AICTECH-VGL Datasheet
83Kb / 3P
Useful of 8,000 hours at 105ºC
VGR AICTECH-VGR Datasheet
83Kb / 3P
Useful of 4,000 hours at 105ºC
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com