công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC604E bảng dữ liệu(PDF) 12 Page - NXP Semiconductors

tên linh kiện MPC604E
Giải thích chi tiết về linh kiện  PowerPC 604eTM RISC Microprocessor Technical Summary
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604E bảng dữ liệu(HTML) 12 Page - NXP Semiconductors

Back Button MPC604E Datasheet HTML 8Page - NXP Semiconductors MPC604E Datasheet HTML 9Page - NXP Semiconductors MPC604E Datasheet HTML 10Page - NXP Semiconductors MPC604E Datasheet HTML 11Page - NXP Semiconductors MPC604E Datasheet HTML 12Page - NXP Semiconductors MPC604E Datasheet HTML 13Page - NXP Semiconductors MPC604E Datasheet HTML 14Page - NXP Semiconductors MPC604E Datasheet HTML 15Page - NXP Semiconductors MPC604E Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
12
PowerPC 604e RISC Microprocessor Technical Summary
1.2.8.2 Floating-Point Unit (FPU)
The FPU, shown in Figure 1 and Figure 2, is a single-pass, double-precision execution unit; that is, most
single- and double-precision operations require only a single pass, with a latency of three cycles.
As the decode/dispatch unit issues instructions to the FPU’s two reservation stations, source operand data
may be accessed from the FPRs, the floating-point rename buffers, or the result buses. Results in turn are
written to the floating-point rename buffers and to the reservation stations and are made available to
subsequent instructions. Instructions are executed from the reservation station in dispatch order.
1.2.8.3 Load/Store Unit (LSU)
The LSU, shown in Figure 1 and Figure 2, transfers data between the data cache and the result buses, which
route data to other execution units. The LSU supports the address generation and handles any alignment for
transfers to and from system memory. Note that the 604e provides additional hardware support for
misaligned little-endian accesses over previous versions of the 604. In the 604e, the conditions that cause
an alignment exception to be taken are the same regardless of whether the processor is in big- or little-endian
mode. When two accesses are required, the lower addressed word (in the current addressing mode) is
accessed first.
The LSU also supports cache control instructions and load/store multiple/string instructions. As noted
above, load and store instructions that update the base address register pass their results on the MCIU’s
result bus. This is the only exception to the dedicated use of result buses.
The LSU includes a 32-bit adder dedicated for EA calculation. Data alignment logic manipulates data to
support aligned or misaligned transfers with the data cache. The LSU’s load and store queues are used to
buffer instructions that have been executed and are waiting to be completed. The queues are used to monitor
data dependencies generated by data forwarding and out-of-order instruction execution ensuring a
sequential model.
The LSU allows load operations to precede pending store operations and resolves any dependencies
incurred when a pending store is to the same address as the load. If such a dependency exists, the LSU delays
the load operation until the correct data can be forwarded. If only the low-order 12 bits of the EAs match,
both addresses may be aliases for the same physical address, in which case, the load operation is delayed
until the store has been written back to the cache, ensuring that the load operation retrieves the correct data.
The LSU does not allow the following operations to be performed on unresolved branches:
•
Store operations
•
Loading of noncacheable data or cache miss operations
1.2.9 Memory Management Units (MMUs)
The primary functions of the MMUs are to translate logical (effective) addresses to physical addresses for
memory accesses, I/O accesses (most I/O accesses are assumed to be memory-mapped), and direct-store
accesses, and to provide access protection on blocks and pages of memory.
The PowerPC MMUs and exception model support demand-paged virtual memory. Virtual memory
management permits execution of programs larger than the size of physical memory; demand-paged implies
that individual pages are loaded into physical memory from system memory only when they are first
accessed by an executing program.
The hashed page table is a variable-sized data structure that defines the mapping between virtual page
numbers and physical page numbers. The page table size is a power of 2, and its starting address is a multiple
of its size.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com