công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC604E bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện MPC604E
Giải thích chi tiết về linh kiện  PowerPC 604eTM RISC Microprocessor Technical Summary
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604E bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button MPC604E Datasheet HTML 4Page - NXP Semiconductors MPC604E Datasheet HTML 5Page - NXP Semiconductors MPC604E Datasheet HTML 6Page - NXP Semiconductors MPC604E Datasheet HTML 7Page - NXP Semiconductors MPC604E Datasheet HTML 8Page - NXP Semiconductors MPC604E Datasheet HTML 9Page - NXP Semiconductors MPC604E Datasheet HTML 10Page - NXP Semiconductors MPC604E Datasheet HTML 11Page - NXP Semiconductors MPC604E Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
8
PowerPC 604e RISC Microprocessor Technical Summary
•
Performance monitor can be used to help in debugging system designs and improving software
efficiency, especially in multiprocessor systems.
•
In-system testability and debugging features through JTAG boundary-scan capability
1.2 PowerPC 604e Microprocessor Hardware
Implementation
This section provides an overview of the 604e’s hardware implementation, including descriptions of the
functional units, shown in Figure 2, the cache implementation, MMU, and the system interface.
Note that Figure 2 provides a more detailed block diagram than that presented in Figure 1—showing the
additional data paths that contribute to the improved efficiency in instruction execution and more clearly
shows the relationships between execution units and their associated register files.
Figure 2. Block Diagram—Internal Data Paths
Fetch Unit
Branch
(Four-instruction
Dispatch Unit
BPU
32-Kbyte data cache
4-way, 8 words/block
Completion
Unit
Instruction dispatch buses
Result status buses
correction
LSU
MCIU
SCIU
SCIU
FPU
Result buses
Operand buses
dispatch)
RS(2)
RS(1)
RS(2)
RS(2)
RS(2)
CRU
RS(2)
RS(2)
GPR operand buses
GPR result buses
CR result bus
FPR operand buses
FPR result buses
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com