công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC604E bảng dữ liệu(PDF) 32 Page - NXP Semiconductors

tên linh kiện MPC604E
Giải thích chi tiết về linh kiện  PowerPC 604eTM RISC Microprocessor Technical Summary
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604E bảng dữ liệu(HTML) 32 Page - NXP Semiconductors

Back Button MPC604E Datasheet HTML 26Page - NXP Semiconductors MPC604E Datasheet HTML 27Page - NXP Semiconductors MPC604E Datasheet HTML 28Page - NXP Semiconductors MPC604E Datasheet HTML 29Page - NXP Semiconductors MPC604E Datasheet HTML 30Page - NXP Semiconductors MPC604E Datasheet HTML 31Page - NXP Semiconductors MPC604E Datasheet HTML 32Page - NXP Semiconductors MPC604E Datasheet HTML 33Page - NXP Semiconductors MPC604E Datasheet HTML 34Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
32
PowerPC 604e RISC Microprocessor Technical Summary
Figure 7. Pipeline Diagram
The common pipeline stages are as follows:
•
Instruction fetch (IF)—During the IF stage, the fetch unit loads the decode queue (DEQ) with
instructions from the instruction cache and determines from what address the next instruction
should be fetched.
•
Instruction decode (ID)—During the ID stage, all time-critical decoding is performed on
instructions in the dispatch queue (DISQ). The remaining decode operations are performed during
the instruction dispatch stage.
•
Instruction dispatch (DS)—During the dispatch stage, the decoding that is not time-critical is
performed on the instructions provided by the previous ID stage. Logic associated with this stage
determines when an instruction can be dispatched to the appropriate execution unit. At the end of
the DS stage, instructions and their operands are latched into the execution input latches or into the
unit’s reservation station. Logic in this stage allocates resources such as the rename registers and
reorder buffer entries.
•
Execute (E)—While the execution stage is viewed as a common stage in the 604e instruction
pipeline, the instruction flow is split among the seven execution units, some of which consist of
multiple pipelines. An instruction may enter the execute stage from either the dispatch stage or the
execution unit’s dedicated reservation station.
At the end of the execute stage, the execution unit writes the results into the appropriate rename
buffer entry and notifies the completion stage that the instruction has finished execution.
Decode (ID)
Complete (C)
Writeback (W)
(Four-instruction dispatch per clock in
any combination)
SCIU1
Execute Stage
SCIU2
FPU
Fetch (IF)
Dispatch (DS)
LSU
MCIU
BPU
CPU
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com