công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZSSC4151CE4R bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp

tên linh kiện ZSSC4151CE4R
Giải thích chi tiết về linh kiện  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151CE4R bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp

Back Button ZSSC4151CE4R Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 9Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 10Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 11Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 12Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 13Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
10
March 25, 2020
Requirement
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DS_165
Short-circuit current
(AOUT to VSSE or
VDDE)[h]
IOUT_max
Short to VSSE or VDDE; adjusted.
-25
25
mA
DS_166
Addressable output
range [a]
VR_OUT
0.04
0.96
VDDE
DS_167
VR_OUT90
RLOAD ≥ 2k
0.05
0.95
VDDE
DS_168
VR_OUT80
RLOAD ≥ 1k
0.10
0.90
VDDE
DS_169
Load capacitance[a]
CLOAD
Defined for best EMC
performance.
4
47
100
+20%
nF
DS_170
Output slew rate[a]
SROUT
CLOAD < 50nF
0.1
V/µs
DS_171
Clipping levels
LowLim
Configurable 8-bit value stored in
NVM.
0.1
25
%VDDE
UppLim
Configurable 8-bit value stored in
NVM.
75
99.9
%VDDE
DS_179
Clipping adjustment step [a]
StepCLIP
0.1
%VDDE
DS_180
Output resistance in
Diagnostic Mode [a]
ROUT_DIA
Diagnostic Range:
4% to 96%, RLOAD ≥ 2k
8% to 92%, RLOAD ≥ 1k
80
DS_172
DNL
DNLOUT
rDAC =12 bit
-0.99
0.99
LSB
DS_173
INL in TQA temperature
range [a]
INLOUT
Best fit, rDAC =12-bit
-5
5
LSB
DS_174
INL in TQE temperature
range
INLOUT
Best fit, rDAC =12-bit
-8
8
LSB
DS_175
Output to ground leakage
current in TQA [a]
ILEAK_
OUT_GND_TQA
At ground loss, RLOAD  ground.
-12
0.1
µA
DS_176
Output to power leakage
current in TQA [a]
ILEAK_
OUT_PWR_TQA
At power loss, RLOAD  power.
-0.1
12
µA
DS_177
Output to ground leakage
current in TQE
ILEAK_
OUT_GND_TQE
At ground loss, RLOAD  ground.
-20
0.1
µA
DS_178
Output to power leakage
current in TQE
ILEAK_
OUT_PWR_TQA
At power loss, RLOAD  power
-0.1
20
µA
5.7 System Response
DS_200
Startup time [a], [c]
(time to first valid output
after power-on)
tSTARTUP
7
ms
DS_201
Output update rate [a]
OUR
Output update rate; depends on
the configuration used.
0.5
ms
DS_202
Output response time [a] [c] [d]
ORT
100% input step; depends on the
configuration used.
1.0
ms
DS_203
Diagnostic testing
interval [a]
DTI
Depends on configuration used.
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com