công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZSSC4151CE4R bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp

tên linh kiện ZSSC4151CE4R
Giải thích chi tiết về linh kiện  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151CE4R bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp

  ZSSC4151CE4R Datasheet HTML 1Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 2Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 3Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 4Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 5Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
5
March 25, 2020
2. Pin Descriptions
Table 1.
ZSSC4151C Pin Descriptions 24-QFN Package
Note: Pins designated as “n.c.” (no connection) are not internally connected. VSSA can be routed using these pins.
24-QFN Pin
16-TSSOP Pin
Pin Name
Type
Description
1
1
VDDA
Supply
Internal supply
2
2
VSSA
Ground
Internal ground
3
3
SDA [a], [b]
Analog I/O
I2C data input/output (optional communication interface)
4
4
SCL [a], [b]
Analog Input I2C clock (optional communication interface)
–
5
–
–
n.c. [b]
5
6
VDDE
Supply
External supply
6
7
VSSE
Analog
External ground
7
8
AOUT
Analog
Analog output and ZACwire™ one-wire interface (OWI) input/output
8 to 11
–
–
–
n.c. [b] for 24-QFN package.
12
9
BR1P
Analog
Positive bridge sensor input
13
10
BOT
Analog
Negative bridge supply voltage
14
11
BR1N
Analog
Negative bridge sensor input
15
12
TS1
Analog
External temperature sensor input 1. Note: Either TS1 or TS2 can be used for
the external temperature sensor input, but not both at the same time.
16
13
TOP
Analog
Positive bridge supply voltage
17
14
TS2
Analog
External temperature sensor input 2. Note: Either TS1 or TS2 can be used for
the external temperature sensor input, but not both at the same time.
18 to 24
15 to 16
–
–
n.c. [b]
–
EPAD [c]
Ground
Internal ground; connected to VSSA
[a] Internal pull-up.
[b] No connection required. Pins marked as “n.c.” are not internally connected and have no physical connection to the silicon.
[c] External ground pad on the bottom of the package. Recommendation: Connect the EPAD externally to VSSA (pin 2). Note: The EPAD has a
high-ohmic connection to the internal ground VSSA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com