| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APR9/D bảng dữ liệu(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR9/D bảng dữ liệu(HTML) 6 Page - NXP Semiconductors |
|
6 / 101 page ![]() vi DSP56001A/D, Rev. 1 MOTOROLA DSP56001A Product Documentation Twin CODEC Expansion Board for the DSP56000 ADS Application Report; circuit, code, FIR filter design for two voice band codecs connecting to the SSI APR12/D Conference Bridging in the Digital Telecommunications Environment Application Report; theory and code; features the DSP56001/002 APR14/D Implementation of Adaptive Controllers Application Report; adaptive control using reference models; generalized predictive control; includes code APR15/D Calculating Timing Requirements of External SRAM Application Report; determination of SRAM speed for optimum performance APR16/D Low Cost Controller for DSP56001 Application Report; circuit and code to connect two DSP56001s to an MC68008 APR402/D G.722 Audio Processing Application Report; theory and code using SB-ADPCM APR404/D Minimal Logic DRAM Interface Application Report; 1M x 480 ns DRAM, 1 PAL, code APR405/D Logarithmic/Linear Conversion Routines Application Report; µ-law and A-law companding routines for PCM mono- circuits ANE408/D Third Party Compendium Brochures from companies selling hardware and software that supports Motorola DSPs DSP3RDPTYPAK/D University Support Program Flyer; Motorola’s program supporting Universities in DSP research and education BR382/D Technical Training Schedule Technical Training Schedule BR348AD/D Audio Course Information Audio Course Information BR928/D Real Time Signal Processing Applications with Motorola’s DSP56000 Family Textbook by Mohamed El-Sharkawy; 398+ pages. (This is a charge item.) Prentice-Hall, 1990; ISBN 0-13- 767138-5 Table 2 DSP56001A Related Documentation (Continued) Document Name Description Order Number Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |