công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL73148SEHF/PROTO bảng dữ liệu(PDF) 52 Page - Renesas Technology Corp

tên linh kiện ISL73148SEHF/PROTO
Giải thích chi tiết về linh kiện  Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73148SEHF/PROTO bảng dữ liệu(HTML) 52 Page - Renesas Technology Corp

Back Button ISL73148SEHF/PROTO Datasheet HTML 48Page - Renesas Technology Corp ISL73148SEHF/PROTO Datasheet HTML 49Page - Renesas Technology Corp ISL73148SEHF/PROTO Datasheet HTML 50Page - Renesas Technology Corp ISL73148SEHF/PROTO Datasheet HTML 51Page - Renesas Technology Corp ISL73148SEHF/PROTO Datasheet HTML 52Page - Renesas Technology Corp ISL73148SEHF/PROTO Datasheet HTML 53Page - Renesas Technology Corp ISL73148SEHF/PROTO Datasheet HTML 54Page - Renesas Technology Corp ISL73148SEHF/PROTO Datasheet HTML 55Page - Renesas Technology Corp ISL73148SEHF/PROTO Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
R34DS0023EU0103 Rev.1.03
Page 52
Feb 23, 2023
ISL73148SEH Datasheet
specifications, the settling time must be met for the input signals on the analog input of the ISL73148SEH. To
accurately resolve to 1 LSB, the settling time is defined by Equation 4:
Simplifying this results in Equation 5:
Solving for t results in:
, which can be written as
and further simplified to
.
Settling time is t, RS ×CP is τ, and the resolution of the ADC is N.
The ISL73148SEH is a 14-bit ADC, which means the settling time to attain 1 LSB accuracy is 9.7 × τ. For
example, the ISL73148SEHEV1Z evaluation board employs a 24Ω resistor for RS and a 47pF capacitor for CP,
which means that the required settling time would be t = 0.693 × 14 × 24Ω × 47pF = 10.94ns. If different RS and
CP values are used, calculate the settling time for those conditions. These calculations assume the settling time of
the input network RS and CP are much larger than the settling time of any amplifier driving the ISL73148SEH
analog input. If this is not the case, the settling time of the input network must be root-sum-squared with the
settling time of the amplifier to determine the required settling time using Equation 6:
5.15 Static Power Dissipation
The ISL73148SEH can be placed into an operating mode where the device is ready to initiate a sample, but where
the power consumption is considerably reduced. While operating in normal mode, this low static power state can
be entered on initial power up by holding CS low or by holding CS low and asserting/de-asserting the PD pin.
While operating in low power mode, the ISL73148SEH must be powered up and have at least one sample
acquisition in with the LPM pin asserted to place the device into low power mode. Subsequently, the
ISL73148SEH can enter a low static power state by holding CS low and asserting/de-asserting the PD pin.
5.16 Cold Sparing Operation
The ISL73148SEH can be used in applications that require connections to multiple input devices with only one
active at a given time, which is commonly referred to as cold sparing. The analog input of the ISL73148SEH
connects to an 8-channel multiplexer with high impedance inputs. Only one channel can be selected at a given
time for sampling. In many cold-sparing applications, the unused devices connected to the unused channels are
completely powered down with the supply voltage removed. However, for the ISL73148SEH any device
connected to any one of the eight analog inputs should be provided a supply voltage, but may be placed into
power-down mode using the PD pin of the individual device.
(EQ. 4)
(EQ. 5)
(EQ. 6)
1
2
N
-------
e
t
–
=
2
N

ln
t
--
–
=
t-
2
N

ln
=
tN
2

ln
=
t
0.693 N

=
ttAMP

2
tRC

2
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com