công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6406IBZ bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện ISL6406IBZ
Giải thích chi tiết về linh kiện  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6406IBZ bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6406IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6406IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6406IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6406IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6406IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6406IBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6406IBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6406IBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6406IBZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
FN9073 Rev 9.00
Page 13 of 18
Oct 21, 2015
ISL6406
Given the reduced available gate bias voltage (5V),
logic-level or sub-logic-level transistors should be used for
both N-MOSFETs. Caution should be exercised with devices
exhibiting very low VGS(ON) characteristics. The
shoot-through protection present aboard the ISL6406 may
be circumvented by these MOSFETs if they have large
parasitic impedances and/or capacitances that would inhibit
the gate of the MOSFET from being discharged below its
threshold level before the complementary MOSFET is turned
on.
Bootstrap Component Selection
External bootstrap components, a diode and capacitor, are
required to provide sufficient gate enhancement to the upper
MOSFET. The internal MOSFET gate driver is supplied by
the external bootstrap circuitry as shown in Figure 9. The
boot capacitor, CBOOT, develops a floating supply voltage
referenced to the PHASE pin. This supply is refreshed each
cycle, when DBOOT conducts, to a voltage of CPVOUT less
the boot diode drop, VD, plus the voltage rise across
QLOWER.
Just after the PWM switching cycle begins and the charge
transfer from the bootstrap capacitor to the gate capacitance
is complete, the voltage on the bootstrap capacitor is at its
lowest point during the switching cycle. The charge lost on
the bootstrap capacitor will be equal to the charge
transferred to the equivalent gate-source capacitance of the
upper MOSFET as shown in Equation 13:
where QGATE is the maximum total gate charge of the upper
MOSFET, CBOOT is the bootstrap capacitance, VBOOT1 is
the bootstrap voltage immediately before turn-on, and
VBOOT2 is the bootstrap voltage immediately after turn-on.
The bootstrap capacitor begins its refresh cycle when the gate
drive begins to turn-off the upper MOSFET. A refresh cycle
ends when the upper MOSFET is turned on again, which
varies depending on the switching frequency and duty cycle.
The minimum bootstrap capacitance can be calculated by
rearranging Equation 13 and solving for CBOOT using
Equation 14:
Typical gate charge values for MOSFETs considered in
these types of applications range from 20nC to 100nC.
Since the voltage drop across QLOWER is negligible,
VBOOT1 is simply VCPVOUT - VD. A Schottky diode is
recommended to minimize the voltage drop across the
bootstrap capacitor during the on-time of the upper
MOSFET. Initial calculations with VBOOT2 no less than 4V
will quickly help narrow the bootstrap capacitor range.
For example, consider an upper MOSFET is chosen with a
maximum gate charge, Qg, of 100nC. Limiting the voltage
drop across the bootstrap capacitor to 1V results in a value
of no less than 0.1µF. The tolerance of the ceramic capacitor
should also be considered when selecting the final bootstrap
capacitance value.
A fast recovery diode is recommended when selecting a
bootstrap diode to reduce the impact of reverse recovery
charge loss. Otherwise, the recovery charge, QRR, would
have to be added to the gate charge of the MOSFET and
taken into consideration when calculating the minimum
bootstrap capacitance.
ISL6406
GND
LGATE
UGATE
PHASE
BOOT
VIN
NOTE:
NOTE:
VG-S = VCC
CBOOT
DBOOT
QUPPER
QLOWER
+
-
FIGURE 9. UPPER GATE DRIVE BOOTSTRAP
VG-S = VCC -VD
+
VD
-
CPVOUT
QGATE
CBOOT VBOOT1 VBOOT2
–

=
(EQ. 13)
CBOOT
QGATE
VBOOT1 V
–
BOOT2
-----------------------------------------------------
=
(EQ. 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com