| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL16C752BTPTREP bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL16C752BTPTREP bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 35 page ![]() TL16C752B-EP 3.3-V DUAL UART WITH 64-BYTE FIFO SGLS153 – FEBRUARY 2003 20 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Start Bit Parity Bit Stop Bit Next Data Start Bit Data Bits (5–8) td15 td16 RX (A–B) RXRDY (A–B) RXRDY IOR D0 D1 D2 D3 D4 D5 D6 D7 Active Data Ready Active Figure 16. Receive Ready Timing in Non-FIFO Mode Start Bit Parity Bit Stop Bit First Byte That Reaches the Trigger Level Data Bits (5–8) td15 td16 RX (A–B) RXRDY (A–B) RXRDY IOR D0 D1 D2 D3 D4 D5 D6 D7 Active Data Ready Active Figure 17. Receive Timing in FIFO Mode |