| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL16C752BTPTREP bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL16C752BTPTREP bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 35 page ![]() TL16C752B-EP 3.3-V DUAL UART WITH 64-BYTE FIFO SGLS153 – FEBRUARY 2003 12 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 functional description (continued) block DMA transfers (DMA mode 1) Transmitter: TXRDY is active when there is a trigger level number of spaces available. It becomes inactive when the FIFO is full. Receiver: RXRDY becomes active when the trigger level has been reached or when a timeout interrupt occurs. It goes inactive when the FIFO is empty or an error in the RX FIFO is flagged by LSR(7) Figure 8 shows TXRDY and RXRDY in DMA mode 1. TXRDY wrptr TXRDY wrptr FIFO Full TX FIFO Empty RXRDY rdptr RXRDY rdptr At Least One Location Filled RX Trigger Level Trigger Level Figure 8. TXRDY and RXRDY in DMA Mode 1 sleep mode Sleep mode is an enhanced feature of the TL16C752B-EP UART. It is enabled when EFR[4], the enhanced functions bit, is set AND when IER[4] is set. Sleep mode is entered when: – The serial data input line, RX, is idle (see break and time-out conditions). – The TX FIFO and TX shift register are empty. – There are no interrupts pending except THR and time-out interrupts. NOTE: Sleep mode is not entered if there is data in the RX FIFO. In sleep mode the UART clock and baud rate clock are stopped. Since most registers are clocked using these clocks, the power consumption is greatly reduced. The UART wakes up when any change is detected on the RX line, when there is any change in the state of the modem input pins, or if data is written to the TX FIFO. NOTE: Writing to the divisor latches, DLL and DLH, to set the baud clock, must not be done during sleep mode. Therefore it is advisable to disable sleep mode using IER[4] before writing to DLL or DLH. break and timeout conditions An RX idle condition is detected when the receiver line, RX, has been high for a time equivalent to (4X programmed word length)+12 bits. The receiver line is sampled midway through each bit. When a break condition occurs the TX line is pulled low. A break condition is activated by setting LCR[6]. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |