công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL16C752BTPTREP bảng dữ liệu(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL16C752BTPTREP
Giải thích chi tiết về linh kiện  3.3-V DUAL UART WITH 64-BYTE FIFO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL16C752BTPTREP bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button TL16C752BTPTREP Datasheet HTML 25Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 26Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 27Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 28Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 29Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 30Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 31Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 32Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
TL16C752B-EP
3.3-V DUAL UART WITH 64-BYTE FIFO
SGLS153 – FEBRUARY 2003
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
interrupt enable register (IER)
The interrupt enable register (IER) enables each of the six types of interrupt, receiver error, RHR interrupt, THR
interrupt, Xoff received, or CTS/RTS change of state from low-to-high. The INT output signal is activated in
response to interrupt generation. Table 14 shows the IER bit settings.
Table 14. Interrupt Enable Register (IER) Bit Settings
BIT NO.
BIT SETTINGS
0
0 = Disable the RHR interrupt
1 = Enable the RHR interrupt
1
0 = Disable the THR interrupt
1 = Enable the THR interrupt
2
0 = Disable the receiver line status interrupt
1 = Enable the receiver line status interrupt
3
0 = Disable the modem status register interrupt
1 = Enable the modem status register interrupt
4
0 = Disable sleep mode
1 = Enable sleep mode
5
0 = Disable the Xoff interrupt
1 = Enable the Xoff interrupt
6
0 = Disable the RTS interrupt
1 = Enable the RTS interrupt
7
0 = Disable the CTS interrupt
1 = Enable the CTS interrupt
NOTE: IER[7:4] can only be modified if EFR[4] is set, i.e., EFR[4] is a write enable.
Re-enabling IER[1] does not cause a new interrupt if the THR is below the
threshold.
interrupt identification register (IIR)
The interrupt identification register is a read-only 8-bit register, which provides the source of the interrupt in a
prioritized manner. Table 15 shows the IIR bit settings.
Table 15. Interrupt Identification Register (IIR) Bit Settings
BIT NO.
BIT SETTINGS
0
0 = A interrupt is pending
1 = No interrupt is pending
3:1
3-Bit encoded interrupt. See Table 14.
4
1 = Xoff/Special character has been detected.
5
CTS/RTS low-to-high change of state.
7:6
Mirror the contents of FCR[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com