| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZAMC4100 bảng dữ liệu(PDF) 90 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZAMC4100 bảng dữ liệu(HTML) 90 Page - Renesas Technology Corp |
|
90 / 156 page ![]() ZAMC4100 Datasheet © 2016 Integrated Device Technology, Inc. 90 January 26, 2016 Left-Justified ADC Results This setting applies when bit RESJSTF = 0. The digitized data of bits [9:2] go to ADCRESH, while the remaining bits [1:0] go to ADCRESL as shown in Figure 3.24. For correct SPI extraction of the result, the ADRESH is read first, where it clears the interrupt flag ADCRDYIF as well as updating the value ADCRESL. This guarantees protection of the results from the next conversion. Right-Justified ADC Results This setting applies when bit RESJSTF = 1. The digitized data of bits [7:0] go to ADCRESL, while the remaining bits [9:8] go to ADCRESH as shown in Figure 3.24. For correct SPI extraction of the result, the ADRESL is read first, where it clears the interrupt flag ADCRDYIF as well as updating the value ADCRESH. This guarantees protection of results from the next conversion. Signed or Unsigned ADC Results Bit RESSIGN configures the signed or unsigned result format when the ADC is performing ratiometric conversion. When RESSIGN = 0, the ADC result is represented as unsigned value. When RESSIGN = 1, the ADC result is represented as signed value. Note: If the ADC is performing absolute or temperature conversion, the result is unsigned regardless of the value of the RESSIGN bit. Note: For the right-justified signed results format, the unused bits of ADCRESH have the value of the sign bit. Figure 3.24 ADC Result Formatting Options 9 2 1 0 ADCRESL ADCRESH 7 0 7 6 Read 0 ADCRESL ADCRESH 7 0 7 6 Read 0 S Unsigned RESSIGN = 0 Signed RESSIGN = 1 S = Sign bit: 0 = Positive result 1 = Negative result => RESCODE (ADCRES[9:0]) (Software Variable) LEFT JUSTIFIED 9 8 7 0 ADCRESL ADCRESH 7 0 7 6 ADCRESL ADCRESH 7 0 7 6 S Unsigned RESSIGN = 0 Signed RESSIGN = 1 S = Sign bit: 0 = Positive result 1 = Negative result => RESCODE (ADCRES[9:0]) (Software Variable) Read 0 Read S 1 1 0 0 RIGHT JUSTIFIED |