công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X4285 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện X4285
Giải thích chi tiết về linh kiện  128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4285 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button X4285 Datasheet HTML 9Page - Renesas Technology Corp X4285 Datasheet HTML 10Page - Renesas Technology Corp X4285 Datasheet HTML 11Page - Renesas Technology Corp X4285 Datasheet HTML 12Page - Renesas Technology Corp X4285 Datasheet HTML 13Page - Renesas Technology Corp X4285 Datasheet HTML 14Page - Renesas Technology Corp X4285 Datasheet HTML 15Page - Renesas Technology Corp X4285 Datasheet HTML 16Page - Renesas Technology Corp X4285 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
X4283, X4285
FN8121 Rev 1.00
Page 13 of 22
May 23, 2006
Serial Read Operations
Read operations are initiated in the same manner as
write operations with the exception that the R/W bit of
the Slave Address Byte is set to one. There are three
basic read operations: Current Address Reads, Random
Reads, and Sequential Reads.
Current Address Read
Internally the device contains an address counter that
maintains the address of the last word read incremented
by one. Therefore, if the last read was to address n, the
next read operation would access data from address
n+1. On power-up, the address of the address counter is
undefined, requiring a read or write operation for initial-
ization.
Upon receipt of the Slave Address Byte with the R/W bit set
to one, the device issues an acknowledge and then trans-
mits the eight bits of the Data Byte. The master terminates
the read operation when it does not respond with an
acknowledge during the ninth clock and then issues a stop
condition. Refer to Figure 12 for the address, acknowledge,
and data transfer sequence.
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read oper-
ation, the master must either issue a stop condition
during the ninth cycle or hold SDA HIGH during the ninth
clock cycle and then issue a stop condition.
Figure 12. Current Address Read Sequence
Random Read
Random read operation allows the master to access any
memory location in the array. Prior to issuing the Slave
Address Byte with the R/W bit set to one, the master
must first perform a “dummy” write operation. The mas-
ter issues the start condition and the Slave Address
Byte, receives an acknowledge, then issues the Word
Address Bytes. After acknowledging receipts of the
Word Address Bytes, the master immediately issues
another start condition and the Slave Address Byte with
the R/W bit set to one. This is followed by an acknowl-
edge from the device and then by the eight bit word. The
master terminates the read operation by not responding
with an acknowledge and then issuing a stop condition.
Refer to Figure 13 for the address, acknowledge, and
data transfer sequence.
Figure 13. Random Address Read Sequence
S
t
a
r
t
S
t
o
p
Slave
Address
Data
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
1
1 0 1 0
0
Slave
Address
Word Address
Byte 1
A
C
K
A
C
K
S
t
a
r
t
S
t
o
p
Slave
Address
Data
A
C
K
1
S
t
a
r
t
SDA Bus
Signals from
the Slave
Signals from
the Master
Word Address
Byte 0
A
C
K
0
1
0
1
X4283, X4285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com