công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X4285 bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện X4285
Giải thích chi tiết về linh kiện  128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4285 bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  X4285 Datasheet HTML 1Page - Renesas Technology Corp X4285 Datasheet HTML 2Page - Renesas Technology Corp X4285 Datasheet HTML 3Page - Renesas Technology Corp X4285 Datasheet HTML 4Page - Renesas Technology Corp X4285 Datasheet HTML 5Page - Renesas Technology Corp X4285 Datasheet HTML 6Page - Renesas Technology Corp X4285 Datasheet HTML 7Page - Renesas Technology Corp X4285 Datasheet HTML 8Page - Renesas Technology Corp X4285 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FN8121 Rev 1.00
Page 1 of 22
May 23, 2006
FN8121
Rev 1.00
May 23, 2006
X4283, X4285
128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
DATASHEET
FEATURES
• Selectable watchdog timer
•Low VCC detection and reset assertion
—Four standard reset threshold voltages
—Adjust low VCC reset threshold voltage using
special programming sequence
—Reset signal valid to VCC = 1V
• Low power CMOS
—<20µA max standby current, watchdog on
—<1µA standby current, watchdog OFF
—3mA active current
• 128Kbits of EEPROM
—64 byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Protect 0, 1/4, 1/2, all or 64, 128, 256 or 512
bytes of EEPROM array with programmable
Block Lock™ protection
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available packages
—8 Ld SOIC
—8 Ld TSSOP
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The X4283, X4285 combines four popular functions,
Power-on Reset Control, Watchdog Timer, Supply
Voltage Supervision, and Block Lock protect serial
EEPROM memory in one package. This combination
lowers system cost, reduces board space require-
ments, and increases reliability.
Applying power to the device activates the power-on
reset circuit which holds RESET/RESET active for a
period of time. This allows the power supply and oscilla-
tor to stabilize before the processor can execute code.
The Watchdog Timer provides an independent protec-
tion mechanism for microcontrollers. When the micro-
controller fails to restart a timer within a selectable
time
out
interval,
the
device
activates
the
RESET/RESET signal. The user selects the interval
from three preset values. Once selected, the interval
does not change, even after cycling the power.
The device’s low VCC detection circuitry protects the
user’s system from low voltage conditions, resetting
the system when VCC falls below the set minimum VCC
trip point. RESET/RESET is asserted until VCC returns
to proper operating level and stabilizes. Four industry
standard Vtrip thresholds are available, however, Inter-
sil’s unique circuits allow the threshold to be repro-
grammed to meet custom requirements or to fine-tune
the threshold for applications requiring higher precision.
BLOCK DIAGRAM
Watchdog
Timer Reset
Data
Register
Command
Decode &
Control
Logic
SDA
SCL
VCC
Reset &
Watchdog
Timebase
Power-on and
Generation
VTRIP
+
-
RESET (X4283)
Reset
Low Voltage
Status
Register
Protect Logic
EEPROM Array
Watchdog Transition
Detector
WP
VCC Threshold
Reset logic
RESET (X4285)
S0
S1
Kb=Kilobyte


Số phần tương tự - X4285

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Xicor Inc.
X4285 XICOR-X4285 Datasheet
412Kb / 22P
CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4285 INTERSIL-X4285 Datasheet
344Kb / 22P
CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Xicor Inc.
X4285AL XICOR-X4285AL Datasheet
412Kb / 22P
CPU Supervisor with 128K EEPROM
X4285AM XICOR-X4285AM Datasheet
412Kb / 22P
CPU Supervisor with 128K EEPROM
X4285AN XICOR-X4285AN Datasheet
412Kb / 22P
CPU Supervisor with 128K EEPROM
More results

Mô tả tương tự - X4285

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Xicor Inc.
X4283 XICOR-X4283 Datasheet
412Kb / 22P
CPU Supervisor with 128K EEPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
logo
Intersil Corporation
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
CPU Supervisor with 16K EEPROM
April 13, 2005
X4283 INTERSIL-X4283 Datasheet
322Kb / 21P
CPU Supervisor with 128K EEPROM
March 29, 2005
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
1 Megabit (128K x 8-Bit) EEPROM
logo
Intersil Corporation
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
CPU Supervisor with 16K EEPROM
May 12, 2006
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
CPU Supervisor with 128K EEPROM
May 23, 2006
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Force Technologies Ltd
FT28C010-XXXXX-X FORCE-FT28C010-XXXXX-X Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com