công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP4080IB bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện HIP4080IB
Giải thích chi tiết về linh kiện  80V/2.5A Peak, High FrequencyFull Bridge FET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080IB bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  HIP4080IB Datasheet HTML 1Page - Renesas Technology Corp HIP4080IB Datasheet HTML 2Page - Renesas Technology Corp HIP4080IB Datasheet HTML 3Page - Renesas Technology Corp HIP4080IB Datasheet HTML 4Page - Renesas Technology Corp HIP4080IB Datasheet HTML 5Page - Renesas Technology Corp HIP4080IB Datasheet HTML 6Page - Renesas Technology Corp HIP4080IB Datasheet HTML 7Page - Renesas Technology Corp HIP4080IB Datasheet HTML 8Page - Renesas Technology Corp HIP4080IB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
HIP4080
FN3178 Rev 11.00
Page 4 of 21
February, 2003
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD and VCC . . . . . . . . . . . . . . . . . . . -0.3V to 16V
Logic I/O Voltages . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Voltage on AHS, BHS . . . -6.0V (Transient) to 80V (25oC to 125oC)
Voltage on AHS, BHS . . . -6.0V (Transient) to 70V (-55oC to 125oC
Voltage on ALS, BLS . . . . . . . -2.0V (Transient) to +2.0V (Transient)
Voltage on AHB, BHBVAHS, BHS -0.3V to VAHS, BHS +16VVoltage on
Voltage on ALO, BLO . . . . . . . . . . . .VALS, BLS -0.3V to VCC +0.3V
Voltage on AHO, BHO . . . . . . VAHS, BHS -0.3V to VAHB, BHB +0.3V
Input Current, HDEL and LDEL . . . . . . . . . . . . . . . . . . -5mA to 0mA
Phase Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/ns
All Voltages relative to pin 4, VSS, unless otherwise specified.
Thermal Resistance (Typical, Note 1). . . . . . . . . . . . . . .
JA (oC/W)
SOIC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
Maximum Power Dissipation at 85oC
SOIC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 470mW
DIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 530mW
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to 150oC
Operating Max. Junction Temperature . . . . . . . . . . . . . . . . . . 125oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
Operating Conditions
Supply Voltage, VDD and VCC . . . . . . . . . . . . . . . . . . . +8V to +15V
Voltage on ALS, BLS . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to +1.0V
Voltage on AHB, BHB . . . . . . . VAHS, BHS +5V to VAHS, BHS +15V
Input Current, HDEL and LDEL . . . . . . . . . . . . . . . . -500
A to -50A
Operating Ambient Temperature Range . . . . . . . . . . -40oC to 85oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 100K, and
TA =25oC, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = 25oC
TJ = - 40oC
TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
SUPPLY CURRENTS AND CHARGE PUMPS
VDD Quiescent Current
IDD
IN- = 2.5V, Other Inputs = 0V
8
10.5
13
7
14
mA
VDD Operating Current
IDDO
Outputs switching f = 500kHz
9
11
14
8
15
mA
VCC Quiescent Current
ICC
IN- = 2.5V, Other Inputs = 0V,
IALO = IBLO = 0
-25
80-
100
A
VCC Operating Current
ICCO
f = 500kHz, No Load
1
1.5
2.0
0.8
3
mA
AHB, BHB Quiescent Current -
Qpump Output Current
IAHB, IBHB IN- = 2.5V, Other Inputs = 0V, IAHO =
IBHO = 0, VDD = VCC = VAHB =
VBHB = 10V
-50
-30
-15
-60
-10
A
AHB, BHB Operating Current
IAHBO,
IBHBO
f = 500kHz, No Load
0.5
0.9
1.3
0.4
1.7
mA
AHS, BHS, AHB, BHB Leakage Current
IHLK
VAHS = VBHS = VAHB = VBHB = 95V
-
0.02
1.0
-
10
A
AHB-AHS, BHB-BHS Qpump
Output Voltage
VAHB -
VAHS
VBHB -
VBHS
IAHB = IAHB = 0, No Load
11.5
12.6
14.0
10.5
14.5
V
INPUT COMPARATOR PINS: IN+, IN-, OUT
Offset Voltage
VOS
Over Common Mode Voltage Range
-10
0
+10
-15
+15
mV
Input Bias Current
IIB
0
0.5
204
A
Input Offset Current
IOS
-1
0
+1
-2
+2
A
Input Common Mode Voltage Range
CMVR
1
-
VDD
-1.5
1VDD
-1.5
V
Voltage Gain
AVOL
10
25
-
10
-
V/mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com