công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA7218 bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp

tên linh kiện DA7218
Giải thích chi tiết về linh kiện  Ultra-Low Power Stereo Codec
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 7Page - Renesas Technology Corp DA7218 Datasheet HTML 8Page - Renesas Technology Corp DA7218 Datasheet HTML 9Page - Renesas Technology Corp DA7218 Datasheet HTML 10Page - Renesas Technology Corp DA7218 Datasheet HTML 11Page - Renesas Technology Corp DA7218 Datasheet HTML 12Page - Renesas Technology Corp DA7218 Datasheet HTML 13Page - Renesas Technology Corp DA7218 Datasheet HTML 14Page - Renesas Technology Corp DA7218 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 198 page
background image
DA7218
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
11 of 197
© 2021 Renesas Electronics
Pin No.
Pin Name
Type (Table 2)
Description
Supplies
B8
VDD
AI
Main analog supply
A13
VDD_MIC
AI
Supply for MICBIAS LDO
C5
VDD_IO
AI
Supply for digital interface and LDO
B10
GND
AI
Ground reference
B2
GND_CP
AI
Ground reference
Table 2: Pin Type Definition
Pin Type
Description
Pin Type
Description
DI
Digital Input
AI
Analog Input
DO
Digital Output
AO
Analog Output
DIO
Digital Input/Output
AIO
Analog Input/Output
DIOD
Digital Input/Output open drain
SPU
Switchable pull-up resistor
PU
Fixed pull-up resistor
SPD
Switchable pull-down resistor
PD
Fixed pull-down resistor
4.1
Input Pins
4.1.1
MIC1_P (DMIC1CLK)
MIC1_P is the positive differential input for the first analog microphone channel. It can be used as a
single-ended input (see Figure 8).
Alternatively for digital microphones, MIC1_P is used to provide a clock output.
4.1.2
MIC1_N (DMIC1IN)
MIC1_N is the negative differential input for the first analog microphone channel. It can be used as a
single-ended input.
Alternatively for digital microphones and active noise cancelling (ANC) applications, MIC1_N is used
as a pulse density modulated (PDM) data input.
4.1.3
MIC2_P (DMIC2CLK)
MIC2_P is the positive differential input for the second analog microphone channel. It can be used as
a single-ended input.
Alternatively for digital microphones, MIC2_P is used to provide a clock output.
4.1.4
MIC2_N (DMIC2IN)
MIC2_N is the negative differential input for the second analog microphone channel. It can be used
as a single-ended input.
Alternatively for digital microphones and ANC applications, MIC2_N is used as a PDM data input.
4.1.5
MCLK
MCLK is the master clock input pin. It is used as the main system clock either directly or via the PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com