công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA7218 bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện DA7218
Giải thích chi tiết về linh kiện  Ultra-Low Power Stereo Codec
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  DA7218 Datasheet HTML 1Page - Renesas Technology Corp DA7218 Datasheet HTML 2Page - Renesas Technology Corp DA7218 Datasheet HTML 3Page - Renesas Technology Corp DA7218 Datasheet HTML 4Page - Renesas Technology Corp DA7218 Datasheet HTML 5Page - Renesas Technology Corp DA7218 Datasheet HTML 6Page - Renesas Technology Corp DA7218 Datasheet HTML 7Page - Renesas Technology Corp DA7218 Datasheet HTML 8Page - Renesas Technology Corp DA7218 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 198 page
background image
DA7218
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
1 of 197
© 2021 Renesas Electronics
General Description
DA7218 is a high-performance, low-power audio codec optimized for use in portable applications or
wearable devices. It has single-ended headphone outputs with headphone detect for use in
accessories, offering excellent left to right channel separation and common mode noise rejection.
DA7218 also has a stereo DAC to headphone output path and ultra-low power operating modes to
support always-on audio detect applications.
DA7218 contains two analog microphone input paths, or up to four digital microphone input paths, or
a combination of both The other chip in this family, the DA7217 has differential headphone outputs
without headphone detect, and has been designed for use inside headset devices.
Key Features
■ High performance stereo DAC to headphone
playback path with 110 dB dynamic range
■ 4 mW stereo playback power consumption
■ DAC digital filters with audio and voice mode
options, five-band equalizer and five
programmable biquad stages
■ Dedicated low-latency digital sideband filter
with three programmable biquad stages
■ High performance microphone to ADC record
path with a 105 dB dynamic range
■ 2.5 mW stereo record power consumption
■ ADC digital filters with audio and voice mode
options
■ 500 µW always-on record mode with
automatic level detection
■ Hybrid analog / digital automatic level control
to dynamically control the record level
■ Shutdown mode offering current consumption
during standby of 2.5
µA
■ Two low-noise microphone bias regulators
with programmable output voltage and ultra-
low power mode
■ Ability to differentiate between stereo and
mono headsets
■ Automatic detection of headset removal and
confirmation of headset insertion
■ Flexible digital mixing from all seven inputs to
all six outputs with independent gain on each
mixer path
■ Ability to run the ADCs at a different sample
rate to the DACs on a single I2S interface
■ Digital tone generator with built-in support for
DTMF
■ System controller for simplified, pop-free start-
up and shutdown
■ Phase-locked loop with sample rate tracking
supporting MCLK frequencies from 2 MHz to
54 MHz
■ Automatic tuning of on-chip reference
oscillator for clock-free operation in low-power
modes
■ 4-wire digital audio interface with support for
I2S, four-channel I2S, TDM and other audio
formats
■ 2-wire I2C compatible control interface with
support for High Speed mode up to 3.4 MHz
■ 24-bit data at up to 96 kHz sample rate
■ A high efficiency two-level, true-ground charge
pump for generating class-G headphone
supplies
■ Voice mode filtering up to 32 kHz
Applications
■ Wired headsets
■ Wired headphones
■ Audio accessories
■ Portable media players
■ Gaming console controllers
■ Tablets and eBooks


Số phần tương tự - DA7218

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Dialog Semiconductor
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7218 RENESAS-DA7218 Datasheet
4Mb / 154P
Ultra-Low Power Stereo Codec
Revision 3.7 Aug 9, 2024
logo
Dialog Semiconductor
DA7218-00U32 DIALOG-DA7218-00U32 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7218-00U32 RENESAS-DA7218-00U32 Datasheet
4Mb / 154P
Ultra-Low Power Stereo Codec
Revision 3.7 Aug 9, 2024
logo
Dialog Semiconductor
DA7218-00U36 DIALOG-DA7218-00U36 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
More results

Mô tả tương tự - DA7218

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
Ultra-low power stereo codec
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
Ultra-low power stereo codec
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
Ultra-low power stereo codec
DA7217 DIALOG-DA7217 Datasheet
2Mb / 171P
Ultra-Low Power Stereo Codec
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7217 RENESAS-DA7217 Datasheet
3Mb / 170P
Ultra-Low Power Stereo Codec
23-Feb-2022
DA7210 RENESAS-DA7210 Datasheet
1Mb / 119P
Ultra-low power stereo codec
23-Dec-2021
DA7211 RENESAS-DA7211 Datasheet
1Mb / 111P
Ultra-low power stereo codec
23-Dec-2021
DA7212 RENESAS-DA7212 Datasheet
1Mb / 136P
Ultra-Low Power Stereo Codec
05-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com