công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA9062 bảng dữ liệu(PDF) 42 Page - Renesas Technology Corp

tên linh kiện DA9062
Giải thích chi tiết về linh kiện  PMIC for Applications Requiring up to 8.5 A
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9062 bảng dữ liệu(HTML) 42 Page - Renesas Technology Corp

Back Button DA9062 Datasheet HTML 38Page - Renesas Technology Corp DA9062 Datasheet HTML 39Page - Renesas Technology Corp DA9062 Datasheet HTML 40Page - Renesas Technology Corp DA9062 Datasheet HTML 41Page - Renesas Technology Corp DA9062 Datasheet HTML 42Page - Renesas Technology Corp DA9062 Datasheet HTML 43Page - Renesas Technology Corp DA9062 Datasheet HTML 44Page - Renesas Technology Corp DA9062 Datasheet HTML 45Page - Renesas Technology Corp DA9062 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 101 page
background image
DA9062
PMIC for Applications Requiring up to 8.5 A
Datasheet
Revision 3.8
15-Feb-2022
CFR0011-120-00
42 of 99
© 2022 Renesas Electronics
8.3.3.2
PWR_EN
PWR_EN (pin GPIO2) controls the POWER_EN bit and thereby the power mode of DA9062. It is
part of the power supply sequencer functionality described in Section 8.9. PWR_EN is an edge-
sensitive signal and its polarity can be chosen in the GPIO2_TYPE register. A wakeup event can be
generated after assertion of PWR_EN if so configured in GPIO2_WEN.
8.3.3.3
WDKICK
A rising edge of the WDKICK signal resets the watchdog counter. The polarity of the signal can be
chosen in the GPIO0_TYPE register. If the signal is kept asserted, the watchdog is disabled as the
counter is not incremented (WDG_MODE), see Section 8.15.
8.3.4
GPIO Forwarding
GPIO forwarding works between GPIOs 0, 1, 2, and 3. Any of these GPIs can be routed directly to
GPO0, 1, and 3 after debouncing. Forwarding is one of the options for the GPIO<x>_OUT register.
8.3.5
Analog Functions
GPIO0 and GPIO1 can be used as analog IOs. In this case, the normal GPIO functions are disabled.
The analog functions and their corresponding register bits are listed in Table 26.
Table 26: GPIO Analog Functions
GPIO
Analog Function
Register
GPIO0
VDDQ
BUCK4_VTT_EN
GPIO1
VTTR
BUCK4_VTTR_EN
GPIO2
-
GPIO3
-
GPIO4
-
8.4
Dynamic Voltage Control
All of DA9062
’s buck converters can be controlled in several ways to achieve dynamic voltage
control (DVC). The buck converters feature a voltage ramping feature that enables smooth transition
from one voltage setting to another.
All output voltages can be controlled with software via the 2-wire interface (VBUCK<x>_A). The 2-
wire interface is operational when the device is in ACTIVE mode.
8.5
Regulator Voltage A and B Selection
In addition, all regulators feature A and B settings which can be programmed with different voltages
(VBUCK<x>_A, VBUCK<x>_B), one of which is chosen according to the operating mode of the
system (VBUCK<x>_SEL, VLDO<x>_SEL). In addition to the output voltage, the A and B settings
include a bit to force the regulator into SLEEP mode which reduces the quiescent current.
The selection between the A and B settings can be done either with software via the 2-wire interface
or by the power sequencer, see Section 8.9. Furthermore, each regulator can be enabled with a GPI
pin, see Section 8.3.1.1, and the selection between the A and B settings done with another GPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com