công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSPU877D bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện CSPU877D
Giải thích chi tiết về linh kiện  1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPU877D bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  CSPU877D Datasheet HTML 1Page - Renesas Technology Corp CSPU877D Datasheet HTML 2Page - Renesas Technology Corp CSPU877D Datasheet HTML 3Page - Renesas Technology Corp CSPU877D Datasheet HTML 4Page - Renesas Technology Corp CSPU877D Datasheet HTML 5Page - Renesas Technology Corp CSPU877D Datasheet HTML 6Page - Renesas Technology Corp CSPU877D Datasheet HTML 7Page - Renesas Technology Corp CSPU877D Datasheet HTML 8Page - Renesas Technology Corp CSPU877D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
IDTCSPU877D
1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIALTEMPERATURERANGE
ABSOLUTE MAXIMUM RATINGS(1,2)
Symbol
Rating
Max
Unit
VDDQ, AVDD
SupplyVoltageRange
–0.5 to +2.5
V
VI(3)
InputVoltageRange
–0.5 to VDDQ + 0.5
V
VO(3)
Voltagerangeappliedtoany
–0.5 to VDDQ + 0.5
V
output in the high or low state
IIK
Input clamp current
±50
mA
(VI <0)
IOK
Output Clamp Current
±50
mA
(VO <0 or
VO > VDDQ)
IO
Continuous Output Current
±50
mA
(VO =0 to VDDQ)
VDDQ or GND
Continuous Current
±100
mA
TSTG
Storage Temperature Range
– 65 to +150
°C
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. The maximum package power dissipation is calculated using a junction temperature
of 150
°C and a board trace length of 750 mils.
3. The input and output negative-voltage ratings may be exceeded if the input and output
clamp-current ratings are observed. This value is limited to 2.5V max.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
AVDD(1)
SupplyVoltage
VDDQ
V
VDDQ
I/O Supply Voltage
1.7
1.8
1.9
V
TA
OperatingFree-AirTemperature
0
+70
°C
CAPACITANCE(1)
Parameter
Description
Min.
Typ.
Max.
Unit
CIN
Input Capacitance
2
3
pF
VI = VDDQ or GND
CI
DeltaInputCapacitance
0.25
pF
CLK, CLK, FBIN, FBIN
CL
LoadCapacitance
10
pF
NOTE:
1. Unused inputs must be held high or low to prevent them from floating.
VDDQ
Y7
FBIN
FBIN
FBOUT
30
29
28
27
26
25
24
23
22
21
FBOUT
OE
OS
Y7
VDDQ
GND
VDDQ
Y2
Y2
AGND
AVDD
CLK
CLK
VDDQ
2
3
4
5
6
7
8
1
9
10
VDDQ
GND
MLF
TOP VIEW
NOTE:
1. The PLL is turned off and bypassed for test purposes when AVDD is grounded. During this test mode, VDDQ remains within the recommended operating conditions and no timing
parameters are guaranteed.
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com