công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB041E bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp

tên linh kiện AT45DB041E
Giải thích chi tiết về linh kiện  2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB041E bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp

Back Button AT45DB041E Datasheet HTML 10Page - Renesas Technology Corp AT45DB041E Datasheet HTML 11Page - Renesas Technology Corp AT45DB041E Datasheet HTML 12Page - Renesas Technology Corp AT45DB041E Datasheet HTML 13Page - Renesas Technology Corp AT45DB041E Datasheet HTML 14Page - Renesas Technology Corp AT45DB041E Datasheet HTML 15Page - Renesas Technology Corp AT45DB041E Datasheet HTML 16Page - Renesas Technology Corp AT45DB041E Datasheet HTML 17Page - Renesas Technology Corp AT45DB041E Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
DS-AT45DB041E-8783 Rev. P
Page 14
9/26/22
© 2022 Renesas Electronics
DS-AT45DB041E Datasheet
6.5
Continuous Array Read (Low Power Mode: 01h Opcode)
This command is ideal for applications that want to minimize power consumption and do not need to read the
memory array at high frequencies. Like the 03h opcode, this Continuous Array Read command allows reading the
main memory array sequentially without the need for dummy bytes to be clocked in after the address byte
sequence. The memory can be read at clock frequencies up to maximum specified by fCAR3. To perform a
Continuous Array Read using the standard DataFlash page size (264 bytes), the CS pin must first be asserted,
and then an opcode of 01h must be clocked into the device followed by three address bytes. The first 11 bits
(PA10 - PA0) of the 20-bit address sequence specify which page of the main memory array to read and the last 9
bits (BA8 - BA0) of the 20-bit address sequence specify the starting byte address within the page. To perform a
Continuous Array Read using the binary page size (256 bytes), the opcode 01h must be clocked into the device
followed by three address bytes (A18 - A0). Following the address bytes, additional clock pulses on the SCK pin
results in data being output on the SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the reading of data. When
the end of a page in the main memory is reached during a Continuous Array Read, the device continues reading
at the beginning of the next page with no delays incurred during the page boundary crossover (the crossover from
the end of one page to the beginning of the next page). When the last bit in the main memory array has been read,
the device continues reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays are incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin terminates the read operation and tri-states the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR3 specification. The
Continuous Array Read bypasses both data buffers and leaves the contents of the buffers unchanged.
6.6
Main Memory Page Read
A Main Memory Page Read allows the reading of data directly from a single page in the main memory, bypassing
both of the data buffers and leaving the contents of the buffers unchanged. To start a page read using the
standard DataFlash page size (264 bytes), an opcode of D2h must be clocked into the device followed by three
address bytes (which comprise the 24-bit page and byte address sequence) and four dummy bytes. The first 11
bits (PA10 - PA0) of the 20-bit address sequence specify the page in main memory to be read and the last nine
bits (BA8 - BA0) of the 20-bit address sequence specify the starting byte address within that page. To start a page
read using the binary page size (256 bytes), the opcode D2h must be clocked into the device followed by three
address bytes and four dummy bytes. The first 11 bits (A18 - A8) of the 19-bit address sequence specify which
page of the main memory array to read, and the last eight bits (A7 - A0) of the 19-bit address sequence specify the
starting byte address within that page. The dummy bytes that follow the address bytes are sent to initialize the
read operation. Following the dummy bytes, the additional pulses on SCK result in data being output on the SO
(serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes, and the
reading of data. Unlike the Continuous Array Read command, when the end of a page in main memory is reached,
the device continues reading back at the beginning of the same page rather than the beginning of the next page.
A low-to-high transition on the CS pin terminates the read operation and tri-states the output pin (SO). The
maximum SCK frequency allowable for the Main Memory Page Read is defined by the fSCK specification. The
Main Memory Page Read bypasses both data buffers and leaves the contents of the buffers unchanged.
6.7
Buffer Read
The SRAM data buffers can be accessed independently from the main memory array, and using the Buffer Read
command allows data to be sequentially read directly from either one of the buffers. Four opcodes, D4h or D1h for
Buffer 1 and D6h or D3h for Buffer 2, can be used for the Buffer Read command. The use of each opcode
depends on the maximum SCK frequency that is used to read data from the buffers. The D4h and D6h opcode
can be used at any SCK frequency up to the maximum specified by fCAR1 while the D1h and D3h opcode can be
used for lower frequency read operations up to the maximum specified by fCAR2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com