công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB041E bảng dữ liệu(PDF) 39 Page - Renesas Technology Corp

tên linh kiện AT45DB041E
Giải thích chi tiết về linh kiện  2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB041E bảng dữ liệu(HTML) 39 Page - Renesas Technology Corp

Back Button AT45DB041E Datasheet HTML 35Page - Renesas Technology Corp AT45DB041E Datasheet HTML 36Page - Renesas Technology Corp AT45DB041E Datasheet HTML 37Page - Renesas Technology Corp AT45DB041E Datasheet HTML 38Page - Renesas Technology Corp AT45DB041E Datasheet HTML 39Page - Renesas Technology Corp AT45DB041E Datasheet HTML 40Page - Renesas Technology Corp AT45DB041E Datasheet HTML 41Page - Renesas Technology Corp AT45DB041E Datasheet HTML 42Page - Renesas Technology Corp AT45DB041E Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
DS-AT45DB041E-8783 Rev. P
Page 39
9/26/22
© 2022 Renesas Electronics
DS-AT45DB041E Datasheet
11.2 Ultra-Deep Power-Down
The Ultra-Deep Power-Down mode allows the device to consume far less power compared to the standby and
Deep Power-Down modes by shutting down additional internal circuitry. Since almost all active circuitry is
shutdown in this mode to conserve power, the contents of the SRAM buffers cannot be maintained. Therefore, any
data stored in the SRAM buffers is lost once the device enters the Ultra-Deep Power-Down mode.
When the device is in the Ultra-Deep Power-Down mode, all commands including the Status Register Read and
Resume from Deep Power-Down commands are ignored. Since all commands are ignored, the mode can be used
as an extra protection mechanism against program and erase operations.
Entering the Ultra-Deep Power-Down mode is done by asserting the CS pin, clocking in the opcode 79h, and then
deasserting the CS pin. Any additional data clocked into the device after the opcode is ignored. When the CS pin
is deasserted, the device enters the Ultra-Deep Power-Down mode within the maximum time of tEUDPD.
The complete opcode must be clocked in before the CS pin is deasserted, and the CS pin must be deasserted on
an even byte boundary (multiples of eight bits); otherwise, the device aborts the operation and return to the
standby mode once the CS pin is deasserted. Also, the device defaults to the standby mode after a power cycle.
The Ultra-Deep Power-Down command is ignored if an internally self-timed operation such as a program or erase
cycle is in progress. The Ultra-Deep Power-Down command must be reissued after the internally self-timed
operation has been completed in order for the device to enter the Ultra-Deep Power-Down mode.
Figure 18. Ultra-Deep Power-Down Timing
SCK
CS
SI
SO
MSB
ICC
23
1
0
0
67
5
4
Opcode
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
t
EUDPD
1111001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com