công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A6727B bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện A6727B
Giải thích chi tiết về linh kiện  Automotive single-phase PWM controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727B bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button A6727B Datasheet HTML 12Page - STMicroelectronics A6727B Datasheet HTML 13Page - STMicroelectronics A6727B Datasheet HTML 14Page - STMicroelectronics A6727B Datasheet HTML 15Page - STMicroelectronics A6727B Datasheet HTML 16Page - STMicroelectronics A6727B Datasheet HTML 17Page - STMicroelectronics A6727B Datasheet HTML 18Page - STMicroelectronics A6727B Datasheet HTML 19Page - STMicroelectronics A6727B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
10
Application information
10.1
Output inductor
The inductor value is defined by a compromise among the dynamic response, ripple, efficiency,cost and size.
Usually, the inductance is calculated to maintain the inductor ripple current (ΔIL) between 20% and 30% of the
maximum output current. Given the switching frequency (FSW), the input voltage (VIN), the output voltage (VOUT)
and the desired ripple current (ΔIL), the inductance can be calculated as follows:
L=VIN−VOUT
FSW⋅ΔIL ⋅VOUTVIN
(8)
Figure 12 shows the ripple current vs. the output voltage for different inductance, with VIN = 5 V and VIN = 12 V.
Increasing the value of the inductance, the inductor ripple current (and output voltage ripple accordingly) reduces
but, at the same time, the converter response time to load transients increases. Higher inductance means that
the inductor needs more time to change its current from initial to final value. Until the inductor has finished its
charging, the additional output current is supplied by the output capacitors. Minimizing the response time, the
required output capacitance can be minimized. If the compensation network is designed with high bandwidth,
during a load transient the device can saturate duty cycle (0% or 80%). When this condition is reached, the
response time is limited only by the time required to charge the inductor.
Figure 12. Inductor current ripple vs. output voltage
0
2
4
6
8
10
0
1
2
3
4
5
Output voltage [V]
Vin=12 V, L=1 µH
Vin=12 V, L=2 µH
Vin=5 V, L=500 nH
Vin=5 V, L=1.5 µH
AM16776v1
A6727B
Application information
DS14159 - Rev 2
page 16/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com