công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT25DF321A bảng dữ liệu(PDF) 26 Page - Renesas Technology Corp

tên linh kiện AT25DF321A
Giải thích chi tiết về linh kiện  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A bảng dữ liệu(HTML) 26 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 22Page - Renesas Technology Corp AT25DF321A Datasheet HTML 23Page - Renesas Technology Corp AT25DF321A Datasheet HTML 24Page - Renesas Technology Corp AT25DF321A Datasheet HTML 25Page - Renesas Technology Corp AT25DF321A Datasheet HTML 26Page - Renesas Technology Corp AT25DF321A Datasheet HTML 27Page - Renesas Technology Corp AT25DF321A Datasheet HTML 28Page - Renesas Technology Corp AT25DF321A Datasheet HTML 29Page - Renesas Technology Corp AT25DF321A Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
26
3686I–DFLASH–02/2019
AT25DF321A
Figure 10-1.Sector Lockdown
10.2
Freeze Sector Lockdown State
The current sector lockdown state can be permanently frozen so that no further modifications to the Sector Lockdown
Registers can be made; therefore, the Sector Lockdown command will be permanently disabled, and no additional sectors can
be locked down aside from those already locked down. Any attempts to issue the Sector Lockdown command after the sector
lockdown state has been frozen will be ignored.
Before the Freeze Sector Lockdown State command can be issued, the Write Enable command must have been previously
issued to set the WEL bit in the Status Register to a logical “1”. In addition, the Sector Lockdown Enabled (SLE) bit in the
Status Register must have also been previously set to the logical “1” state. To issue the Freeze Sector Lockdown State
command, the CS pin must first be asserted and the opcode of 34h must be clocked into the device followed by three command
specific address bytes of 55AA40h. After the three address bytes have been clocked in, a confirmation byte of D0h must be
clocked in immediately following the three address bytes. Any additional data clocked into the device will be ignored. When
the CS pin is deasserted, the current sector lockdown state will be permanently frozen within a time of tLOCK. In addition, the
WEL bit in the Status Register will be reset back to the logical “0” state, and the SLE bit will be permanently reset to a logical
“0” to indicate that the Sector Lockdown command is permanently disabled.
The complete and correct three address bytes and the confirmation byte must be clocked into the device before the CS pin is
deasserted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, the device will
abort the operation. When the device aborts the Freeze Sector Lockdown State operation, the WEL bit in the Status Register
will be reset to a logical “0”; however, the state of the SLE bit will be unchanged.
Figure 10-2.Freeze Sector Lockdown State
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
0
0
1
1
0
0
1
1
6
7
5
4
9
8
39
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
A
A
A
A
A
A
MSB
1
1
0
1
0
0
0
0
ADDRESS BITS A23-A0
CONFIRMATION BYTE IN
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
0
0
1
1
0
1
0
0
6
7
5
4
9
8
39
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
0
1
0
0
0
0
MSB
1
1
0
1
0
0
0
0
ADDRESS BITS A23-A0
CONFIRMATION BYTE IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com