công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT25DF321A bảng dữ liệu(PDF) 33 Page - Renesas Technology Corp

tên linh kiện AT25DF321A
Giải thích chi tiết về linh kiện  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A bảng dữ liệu(HTML) 33 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 29Page - Renesas Technology Corp AT25DF321A Datasheet HTML 30Page - Renesas Technology Corp AT25DF321A Datasheet HTML 31Page - Renesas Technology Corp AT25DF321A Datasheet HTML 32Page - Renesas Technology Corp AT25DF321A Datasheet HTML 33Page - Renesas Technology Corp AT25DF321A Datasheet HTML 34Page - Renesas Technology Corp AT25DF321A Datasheet HTML 35Page - Renesas Technology Corp AT25DF321A Datasheet HTML 36Page - Renesas Technology Corp AT25DF321A Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
33
3686I–DFLASH–02/2019
AT25DF321A
11.1.7
SLE Bit
The SLE bit is used to enable and disable the Sector Lockdown and Freeze Sector Lockdown State commands. When the SLE
bit is in the logical “0” state (the default state after power-up), the Sector Lockdown and Freeze Sector Lockdown commands
are disabled. If the Sector Lockdown and Freeze Sector Lockdown commands are disabled, then any attempts to issue the
commands will be ignored. This provides a safeguard for these commands against accidental or erroneous execution. When
the SLE bit is in the logical “1” state, the Sector Lockdown and Freeze Sector Lockdown State commands are enabled.
Unlike the WEL bit, the SLE bit does not automatically reset after certain device operations. Therefore, once set, the SLE bit
will remain in the logical “1” state until it is modified using the Write Status Register Byte 2 command or until the device has
been power cycled. The Reset command has no effect on the SLE bit.
If the Freeze Sector Lockdown State command has been issued, then the SLE bit will be permanently reset in the logical “0”
state to indicate that the Sector Lockdown command has been disabled.
11.1.8
PS Bit
The PS bit indicates whether or not a sector is in the Program Suspend state.
11.1.9
ES Bit
The ES bit indicates whether or not a sector is in the Erase Suspend state.
11.1.10 RDY/BSY Bit
The RDY/BSY bit is used to determine whether or not an internal operation, such as a program or erase, is in progress. To poll
the RDY/BSY bit to detect the completion of a program or erase cycle, new Status Register data must be continually clocked
out of the device until the state of the RDY/BSY bit changes from a logical “1” to a logical “0”.
Figure 11-1.Read Status Register
SCK
CS
SI
SO
MSB
2
3
1
0
0
0
0
0
0
1
0
1
6
7
5
4
10 11
9
8
12
21 22
17
20
19
18
15 16
13 14
23 24
28 29
27
26
25
30
OPCODE
MSB
MSB
D
D
D
D
D
D
D
D
D
D
MSB
D
D
D
D
D
D
D
D
D
D
D
D
D
D
STATUS REGISTER
BYTE 1
STATUS REGISTER
BYTE 1
STATUS REGISTER
BYTE 2
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com