| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32H7B3RII6TR bảng dữ liệu(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H7B3RII6TR bảng dữ liệu(HTML) 98 Page - STMicroelectronics |
|
98 / 238 page ![]() Table 39. Typical current consumption in Sleep mode, regulator ON Symbol Parameter Conditions frcc_cpu_ck (MHz) Typ LDO Typ SMPS Max(1)(2) Unit TJ = 25 °C TJ = 85 °C TJ = 105 °C TJ= 130 °C IDD(Sleep) Supply current in Sleep mode All peripherals disabled VOS0 280 18.1 13.0 23 51 72 115 mA 225 15.0 10.6 20 47 68 112 VOS1 225 13.7 9.3 18 40 57 93 160 10.3 6.8 14 36 53 90 VOS2 160 9.3 5.8 12 30 44 74 88 5.8 3.6 9 26 40 70 VOS3 88 5.2 3.0 8 21 32 57 1. Guaranteed by characterization results. 2. The maximum values are given for LDO regulator ON. Refer to Section 6.3.3 SMPS step-down converterfor the SMPS maximum current consumption. Table 40. Typical current consumption in System Stop mode Symbol Parameter Conditions Typ LDO Typ SMPS Max(1)(2) Unit TJ = 25 °C TJ = 85 °C TJ = 105 °C TJ= 130 °C IDD(Stop) Stop, DStop Flash memory in low- power mode, memory shut-off disable SVOS3 Main(3) 0.540 0.487 2.33 14.36 24.52 46.29 mA SVOS3 LP 0.495 0.193 2.27 14.21 24.28 45.94 SVOS4 0.370 0.137 1.59 10.58 18.52 35.90 SVOS5 0.245 0.090 0.98 7.18 13.10 26.61 Flash memory in normal mode, memory shut-off disable SVOS3 Main(3) 0.560 0.504 2.39 14.62 24.93 47.01 SVOS3 LP 0.515 0.209 2.33 14.47 24.69 46.65 SVOS4 0.390 0.153 1.65 10.84 18.93 36.62 SVOS5 0.245 0.090 1.04 7.43 13.51 27.32 Flash memory in low- power mode, memory shut-off enable SVOS3 Main(3) 0.530 0.481 2.31 14.23 24.27 45.71 SVOS3 LP 0.480 0.186 2.25 14.09 24.04 45.36 SVOS4 0.360 0.134 1.57 10.49 18.32 35.41 SVOS5 0.230 0.085 0.96 6.95 12.59 25.26 Flash memory in normal mode, memory shut-off enable SVOS3 Main(3) 0.550 0.498 2.37 14.50 24.68 46.43 SVOS3 LP 0.500 0.204 2.31 14.35 24.45 46.07 SVOS4 0.380 0.151 1.63 10.75 18.73 36.13 SVOS5 0.230 0.085 1.02 7.21 13.00 25.97 Stop, DStop2 Flash memory in low- power mode, memory shut-off disable SVOS3 Main(3) 0.161 0.343 0.32 1.67 2.86 5.58 SVOS3 LP 0.115 0.046 0.28 1.62 2.80 5.50 SVOS4 0.095 0.037 0.20 1.23 2.19 4.43 SVOS5 0.090 0.032 0.14 0.93 1.75 3.80 STM32H7B3xI Operating conditions DS13139 - Rev 8 page 98/238 |