| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32H7B3RII6TR bảng dữ liệu(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H7B3RII6TR bảng dữ liệu(HTML) 95 Page - STMicroelectronics |
|
95 / 238 page ![]() Table 34. Typical and maximum current consumption in Run mode, code with data processing running from ITCM, regulator ON Data are in DTCM for best computation performance. In this case, the cache has no influence on consumption. Symbol Parameter Conditions frcc_cpu_ck (MHz) Typ LDO Typ SMPS Max(1)(2) unit TJ = 25 °C TJ = 85 °C TJ = 105 °C TJ = 130 °C IDD Supply current in Run mode All peripherals disabled VOS0 280 69.5 34.0 77 106 128 173 mA 225 56.5 27.5 64 92 114 159 VOS1 225 52.0 24.0 58 80 98 136 200 46.5 21.0 52 75 93 130 180 42 19.0 47 70 88 125 168 39 18.0 45 67 85 122 160 37.5 17.0 43 65 83 120 VOS2 160 34.0 14.5 38 56 70 101 144 30.5 13.0 35 52 67 97 88 19.0 8.5 23 41 55 85 VOS3 88 18.0 7.5 21 35 46 71 60 12.5 5.5 16 29 41 66 25 6.0 3.0 9 23 34 59 All peripherals enabled VOS0 280 133.5 63.5 142 173 196 242 225 108.0 51.5 115 146 168 214 VOS1 225 99.0 45.0 105 129 147 185 160 71.5 32.5 77 100 118 156 VOS2 160 65.0 27.5 69 87 102 132 88 41.5 17.5 45 63 77 108 VOS3 88 38.0 15.0 41 55 66 91 1. Guaranteed by characterization results, unless otherwise specified. 2. The maximum values are given for LDO regulator ON. Refer to Section 6.3.3 SMPS step-down converter for the SMPS maximum current consumption. STM32H7B3xI Operating conditions DS13139 - Rev 8 page 95/238 |