| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32H7B3RII6TR bảng dữ liệu(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H7B3RII6TR bảng dữ liệu(HTML) 91 Page - STMicroelectronics |
|
91 / 238 page ![]() Table 28. Operating conditions at power-up / power-down (regulator ON) Symbol Parameter Min Max Unit tVDD VDD rise time rate 0 ∞ µs/V VDD fall time rate 10 ∞ tVDDA VDDA rise time rate 0 ∞ VDDA fall time rate 10 ∞ tVDDUSB VDDUSB rise time rate 0 ∞ VDDUSB fall time rate 10 ∞ VDDMMC VDDMMC rise time rate 0 ∞ VDDMMC fall time rate 10 ∞ 6.3.5 Embedded reset and power control block characteristics The parameters given in Table 29. Reset and power control block characteristics are derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in Table 22. General operating conditions. Table 29. Reset and power control block characteristics Symbol Parameter Conditions Min Typ Max Unit tRSTTEMPO(1) Reset temporization after POR released - - 377 550 µs VPOR/PDR Power-on/power-down reset threshold Rising edge(1) 1.62 1.67 1.71 V Falling edge 1.58 1.62 1.68 VBOR1 Brown-out reset threshold 1 Rising edge 2.04 2.10 2.15 Falling edge 1.95 2.00 2.06 VBOR2 Brown-out reset threshold 2 Rising edge 2.34 2.41 2.47 Falling edge 2.25 2.31 2.37 VBOR3 Brown-out reset threshold 3 Rising edge 2.63 2.70 2.78 Falling edge 2.54 2.61 2.68 VPVD0 Programmable Voltage Detector threshold 0 Rising edge 1.90 1.96 2.01 Falling edge 1.81 1.86 1.91 VPVD1 Programmable Voltage Detector threshold 1 Rising edge 2.05 2.10 2.16 Falling edge 1.96 2.01 2.06 VPVD2 Programmable Voltage Detector threshold 2 Rising edge 2.19 2.26 2.32 Falling edge 2.10 2.15 2.21 VPVD3 Programmable Voltage Detector threshold 3 Rising edge 2.35 2.41 2.47 Falling edge 2.25 2.31 2.37 VPVD4 Programmable Voltage Detector threshold 4 Rising edge 2.49 2.56 2.62 Falling edge 2.39 2.45 2.51 VPVD5 Programmable Voltage Detector threshold 5 Rising edge 2.64 2.71 2.78 Falling edge 2.55 2.61 2.68 VPVD6 Programmable Voltage Detector threshold 6 Rising edge 2.78 2.86 2.94 Falling edge in Run mode 2.69 2.76 2.83 VPOR/PDR Hysteresis for power-on/power-down reset Hysteresis in Run mode - 43 - mV STM32H7B3xI Operating conditions DS13139 - Rev 8 page 91/238 |