| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32U595AI bảng dữ liệu(PDF) 278 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AI bảng dữ liệu(HTML) 278 Page - STMicroelectronics |
|
278 / 377 page ![]() Electrical characteristics STM32U59xxx 278/377 DS13633 Rev 1 IDDA(ADC) ADC consumption on VDDA fs = 2.5 Msps - 360 - µA fs = 1 Msps - 180 - fs = 10 ksps - 10 - AUTOFF = 1, DPD = 0, no conversion -9 - AUTOFF = 1, DPD = 1, no conversion -0.1 - IDDV(ADC) ADC consumption on VREF+ fs = 2.5 Msps - 18 - fs = 1 Msps - 10.2 - fs = 10 ksps - 0.12 - AUTOFF = 1, DPD = 0, no conversion -0.01 - AUTOFF = 1, DPD = 1, no conversion -0.01 - 1. Specified by design. Not tested in production. 2. The voltage booster on the ADC switches must be used when VDDA < 2.4 V (embedded I/O switches). 3. Depending on the package, VREF+ can be internally connected to VDDA and VREF- can be internally connected to VSSA. 4. The tolerance is 2 LSBs. Table 97. 12-bit ADC4 characteristics(1)(2) (continued) Symbol Parameter Conditions Min Typ Max Unit |