| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32U595AI bảng dữ liệu(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AI bảng dữ liệu(HTML) 53 Page - STMicroelectronics |
|
53 / 377 page ![]() DS13633 Rev 1 53/377 STM32U59xxx Functional overview 94 • Transfers arbitration based on a four-grade programmed priority at a channel level: – One high-priority traffic class, for time-sensitive channels (queue 3) – Three low-priority traffic classes, with a weighted round-robin allocation for non time-sensitive channels (queues 0, 1, 2) • Per channel event generation, on any of the following events: transfer complete or half transfer complete or data transfer error or user setting error, and/or update linked-list item error or completed suspension • Per channel interrupt generation, with separately programmed interrupt enable per event • 16 concurrent DMA channels: – Per channel FIFO for queuing source and destination transfers – Intra-channel DMA transfers chaining via programmable linked-list into memory, supporting two execution modes: run-to-completion and link step mode – Intra-channel and inter-channel DMA transfers chaining via programmable DMA input triggers connection to DMA task completion events • Per linked-list item within a channel: – Separately programmed source and destination transfers – Programmable data handling between source and destination: byte-based reordering, packing or unpacking, padding or truncation, sign extension and left/right realignment – Programmable number of data bytes to be transferred from the source, defining the block level – 12 channels with linear source and destination addressing: either fixed or contiguously incremented addressing, programmed at a block level, between successive single transfers – Four channels with 2D source and destination addressing: programmable signed address offsets between successive burst transfers (non-contiguous addressing within a block, combined with programmable signed address offsets between successive blocks, at a second 2D/repeated block level) – Support for scatter-gather (multi-buffer transfers), data interleaving and deinterleaving via 2D addressing – Programmable DMA request and trigger selection – Programmable DMA half-transfer and transfer complete events generation – Pointer to the next linked-list item and its data structure in memory, with automatic update of the DMA linked-list control registers • Debug: – Channel suspend and resume support – Channel status reporting including FIFO level and event flags • TrustZone support: – Support for secure and nonsecure DMA transfers, independently at a first channel level, and independently at a source/destination and link sub-levels – Secure and nonsecure interrupts reporting, resulting from any of the respectively secure and nonsecure channels – TrustZone-aware AHB slave port, protecting any DMA secure resource (register, register field) from a nonsecure access |