| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32U595AI bảng dữ liệu(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AI bảng dữ liệu(HTML) 46 Page - STMicroelectronics |
|
46 / 377 page ![]() Functional overview STM32U59xxx 46/377 DS13633 Rev 1 WWDG (window watchdog) OO - -- -- -- -- -- SysTick timer O O - -- -- -- -- -- MDF1 (multi-function digital filter) OO O(17) O(17) - -- -- -- -- ADF1 (audio digital filter) OO O(17) O(17) O(17) O(17) - -- -- -- LTDC O O - -- -- -- -- -- DSI O O - -- -- -- -- -- GFXMMU O O - -- -- -- -- -- GPU2D O O - -- -- -- -- -- DCMI (digital camera interface) OO - -- -- -- -- -- PSSI (parallel synchronous slave interface) OO CORDIC coprocessor OO - -- -- -- -- -- FMAC (filter mathematical accelerator) OO - -- -- -- -- -- TSC (touch sensing controller) OO - -- -- -- -- -- RNG (true random number generator) OO - -- -- -- -- -- HASH accelerator O O - -- -- -- -- -- CRC calculation unit O O - -- -- -- -- -- GPIOs O O O OO O - (18) 24 pins - (18) 24 pins - (19) 24 pins - 1. Y = yes (enabled). O = optional (disabled by default, can be enabled by software). - = not available. Gray cells highlight the wake-up capability in each mode. 2. The flash memory can be configured in power-down mode. By default, it is not in power-down mode. 3. The SRAMs can be powered on or off independently. 4. The SRAM clock can be gated on or off independently. 5. ECC error interrupt or NMI wake-up from Stop mode. 6. 8-Kbyte, 56-Kbyte or full SRAM2 content can be preserved. 7. Sub-blocks or full SRAM1, SRAM3, and SRAM5, full SRAM2 and SRAM4 can be powered-off to save power consumption. SRAM1, SRAM2, SRAM3, SRAM4, and SRAM5 can be accessed by GPDMA1 in Stop 0 and Stop 1 modes. SRAM4 can be accessed by LPDMA1 in Stop 0, Stop 1 and Stop 2 modes. 8. GPDMA transfers are functional and autonomous in Stop mode, and generates a wake-up interrupt on transfer events. Table 10. Functionalities depending on the working mode(1) (continued) Peripheral Run Sleep Stop 0/1 Stop 2 Stop 3 Standby Shutdown VBAT - - - - - |