công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF2119SU/2 bảng dữ liệu(PDF) 32 Page - NXP Semiconductors

tên linh kiện PCF2119SU/2
Giải thích chi tiết về linh kiện  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119SU/2 bảng dữ liệu(HTML) 32 Page - NXP Semiconductors

Back Button PCF2119SU/2 Datasheet HTML 28Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 29Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 30Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 31Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 32Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 33Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 34Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 35Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
2003 Jan 30
32
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119X
9.5
Normal/icon mode operation
9.6
Direct mode
When DM = 0, the chip is not in direct mode. Either the
internal voltage generator or an external voltage may be
used to achieve the necessary VLCD value.
When DM = 1, the chip is in direct mode. The internal
voltage generator is turned off and the VLCD output is
directly connected to the HVgen supply voltage VDD2.
The direct mode can be used to reduce the current
consumption when the required VLCD output voltage is
close to the VDD2 supply voltage. This can be the case in
icon mode or in Mux 1 : 9 (depending on LCD liquid
properties).
9.7
Voltage multiplier control
S[1:0]
A software configurable voltage multiplier is incorporated
and can be set via ‘Set HVgen stages’ command.
The voltage multiplier control can be used to reduce
current consumption by disconnecting internal voltage
multiplier stages (depending on the required VLCD output
voltage).
9.8
Screen configuration
L: default is L = 0.
L = 0: the two halves of a split screen are connected in a
standard way i.e. column 1/81, 2/82 to 80/160.
L = 1: the two halves of a split screen are connected in a
mirrored way i.e. column 1/160, 2/159 to 80/81. This
allows single layer PCB or glass layout.
9.9
Display configuration
P, Q: default is P, Q = 0.
P = 1: mirrors the column data.
Q = 1: mirrors the row data.
9.10
TC1 and TC2
Default is TC1 and TC2 = 0. This selects the default
temperature coefficient for the internally generated VLCD.
TC1 and TC2 = 10, 01 and 11 selects alternative
temperature coefficients 1, 2 and 3 respectively.
9.11
Set VLCD
The VLCD value is programmed by instruction. Two on-chip
registers hold VLCD values for the character mode and the
icon mode respectively (VA and VB). The generated VLCD
value is independent of VDD, allowing battery operation of
the chip.
VLCD programming:
1. Send ‘function set’ instruction with H = 1
2. Send ‘set VLCD’ instruction to write to voltage register:
a) DB7, DB6 = 10: DB5 to DB0 are VLCD of character
mode (VA)
b) DB7, DB6 = 11: DB5 to DB0 are VLCD of icon mode
(VB)
c) DB5 to DB0 = 000000 switches VLCD generator off
(when selected)
d) During ‘display off’ and power-down the VLCD
generator is also disabled.
3. Send ‘function set’ instruction with H = 0 to resume
normal programming.
9.12
Reducing current consumption
Reducing current consumption can be achieved by one of
the options given in Table 11.
When VLCD lies outside the VDD range and must be
generated, it is usually more efficient to use the on-chip
generator than an external regulator.
Table 11 Reducing current consumption
Table 12 Use of the VA and VB registers
IM
CONDITION
VLCD
0
character mode
generates VA
1
icon mode
generates VB
ORIGINAL MODE
ALTERNATIVE MODE
Character mode
icon mode (control bit IM)
Display on
display off (control bit D)
HV generator operating
direct mode
Any mode
power-down (PD pad)
MODE
VA
VB
Normal operation VLCD character
mode
VLCD icon mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com