công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF2119SU/2 bảng dữ liệu(PDF) 30 Page - NXP Semiconductors

tên linh kiện PCF2119SU/2
Giải thích chi tiết về linh kiện  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119SU/2 bảng dữ liệu(HTML) 30 Page - NXP Semiconductors

Back Button PCF2119SU/2 Datasheet HTML 26Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 27Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 28Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 29Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 30Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 31Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 32Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 33Page - NXP Semiconductors PCF2119SU/2 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
2003 Jan 30
30
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119X
9
EXTENDED FUNCTION SET INSTRUCTIONS AND
FEATURES
9.1
New instructions
H = 1, sets the chip into alternate instruction set mode.
9.2
Icon control
The PCF2119x can drive up to 160 icons. See Fig.19 for
CGRAM to icon mapping.
9.3
IM
When IM = 0, the chip is in character mode. In the
character mode characters and icons are driven
(MUX 1 : 18). The VLCD generator, if used, produces the
VLCD voltage programmed in register VA.
When IM = 1, the chip is in icon mode. In the icon mode
only the icons are driven (MUX1:2) and the VLCD voltage
generator, if used, produces the VLCD voltage as
programmed in register VB.
9.4
IB
Icon blink control is independent of the cursor/character
blink function.
When IB = 0, icon blink is disabled. Icon data is stored in
CGRAM character 0 to 3 (4
× 8 × 5 = 160 bits for
160 icons).
When IB = 1, icon blink is enabled. In this case each icon
is controlled by two bits. Blink consists of two half phases
(corresponding to the cursor on and off phases called even
and odd phases hereafter).
Icon states for the even phase are stored in CGRAM
characters 0 to 3 (4
× 8 × 5 = 160 bits for 160 icons).
These bits also define the icon state when icon blink is not
used.
Icon states for the odd phase are stored in CGRAM
character 4 to 7 (another 160 bits for the 160 icons). When
icon blink is disabled CGRAM characters 4 to 6 may be
used as normal CGRAM characters.
Table 10 Blink effect for icons and cursor character blink
PARAMETER
EVEN PHASE
ODD PHASE
Cursor character blink
block (all on)
normal (display character)
Icons
state 1: CGRAM character 0 to 2
state 2: CGRAM character 4 to 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com