công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68331MFC16 bảng dữ liệu(PDF) 74 Page - NXP Semiconductors

tên linh kiện MC68331MFC16
Giải thích chi tiết về linh kiện  Technical Summary 32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331MFC16 bảng dữ liệu(HTML) 74 Page - NXP Semiconductors

Back Button MC68331MFC16 Datasheet HTML 70Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 71Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 72Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 73Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 74Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 75Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 76Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 77Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
74
MC68331TS/D
Figure 18 PWM Unit Block Diagram
6.3 Pulse-Width Modulator
The pulse-width modulation submodule has two output pins. The outputs are periodic waveforms con-
trolled by a single frequency whose duty cycles can be independently selected and modified by user
software. Each PWM can be independently programmed to run in fast or slow mode. The PWM unit has
its own 16-bit free-running counter, which is clocked by an output of the nine-stage prescaler (the same
prescaler used by the capture/compare unit) or by the clock input pin, PCLK.
16/32 PWM BLOCK BLOCK
ZERO DETECTOR
16-BIT COUNTER
PWMA REGISTER
PWMB REGISTER
PWMABUF REGISTER
PWMBBUF REGISTER
"A" COMPARATOR
"B" COMPARATOR
"A" MULTIPLEXER
"B" MULTIPLEXER
SFB
BIT
SFA
BIT
F1A
BIT
F1B
BIT
LATCH
R
S
LATCH
R
S
ZERO DETECTOR
PWMB
PIN
PWMA
PIN
FROM
PRESCALER CLOCK
[14:0]
16-BIT DATA BUS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com