công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68331MFC16 bảng dữ liệu(PDF) 70 Page - NXP Semiconductors

tên linh kiện MC68331MFC16
Giải thích chi tiết về linh kiện  Technical Summary 32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331MFC16 bảng dữ liệu(HTML) 70 Page - NXP Semiconductors

Back Button MC68331MFC16 Datasheet HTML 66Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 67Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 68Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 69Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 70Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 71Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 72Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 73Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
70
MC68331TS/D
6 General-Purpose Timer Module
The 11-channel general-purpose timer (GPT) is used in systems where a moderate level of CPU control
is required. The GPT consists of a capture/compare unit, a pulse accumulator, and two pulse-width
modulators. A bus interface unit connects the GPT to the intermodule bus.
Figure 15 GPT Block Diagram
6.1 Overview
The capture/compare unit features three input capture channels, four output compare channels, and
one channel that can be selected as an input capture or output compare channel. These channels share
a 16-bit free-running counter (TCNT) which derives its clock from a nine-stage prescaler or from the ex-
ternal clock input signal, PCLK.
Pulse accumulator channel logic includes an 8-bit counter; the pulse accumulator can operate in either
event counting mode or gated time accumulation mode.
Pulse-width modulator outputs are periodic waveforms whose duty cycles can be independently select-
ed and modified by user software. The PWM circuits share a 16-bit free-running counter that can be
clocked by the same nine-stage prescaler used by the capture/compare unit or by the PCLK input.
All GPT pins can also be used for general-purpose input/output. The input capture and output compare
pins form a bidirectional 8-bit parallel port (PORTGP). PWM pins are outputs only. PAI and PCLK pins
are inputs only.
GPT input capture/output compare pins are bidirectional and can be used to form an 8-bit parallel port.
The pulse-width modulator outputs can be used as general-purpose outputs. The PAI and PCLK inputs
can be used as general-purpose inputs.
The GPT control register address map is shown below. The “Access” column in the GPT address map
indicates which registers are accessible only at the supervisor privilege level and which can be assigned
to either the supervisor or user privilege level, according to the value of the SUPV bit in the GPTMCR.
GPT BLOCK
PULSE ACCUMULATOR
PWM UNIT
BUS INTERFACE
IMB
CAPTURE/COMPARE UNIT
PRESCALER
IC1/PGP0
IC2/PGP1
IC3/PGP2
PCLK
PWMB
PWMA
PAI
IC4/OC5/OC1/PGP7
OC4/OC1/PGP6
OC3/OC1/PGP5
OC2/OC1/PGP4
OC1/PGP3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com