| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68331MFC16 bảng dữ liệu(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MC68331MFC16 bảng dữ liệu(HTML) 29 Page - NXP Semiconductors |
|
29 / 84 page ![]() MC68331TS/D 29 Figure 9 Chip-Select Circuit Block Diagram The following table lists allocation of chip-selects and discrete outputs on the pins of the MCU. 3.5.1 Chip-Select Registers Pin assignment registers CSPAR0 and CSPAR1 determine functions of chip-select pins. These regis- ters also determine port size (8- or 16-bit) for dynamic bus allocation. A pin data register (PORTC) latches discrete output data. Blocks of addresses are assigned to each chip-select function. Block sizes of 2 Kbytes to 1 Mbyte can be selected by writing values to the appropriate base address register (CSBAR). Address blocks for separate chip-select functions can overlap. Chip-select option registers (CSORBT and CSOR[10:0]) determine timing of and conditions for asser- tion of chip-select signals. Eight parameters, including operating mode, access size, synchronization, and wait state insertion can be specified. Initialization code often resides in a peripheral memory device controlled by the chip-select circuits. A set of special chip-select functions and registers (CSORBT, CSBARBT) is provided to support bootstrap operation. Pin Chip Select Discrete Outputs CSBOOT CSBOOT — BR CS0 — BG CS1 — BGACK CS2 — FC0 CS3 PC0 FC1 CS4 PC1 FC2 CS5 PC2 ADDR19 CS6 PC3 ADDR20 CS7 PC4 ADDR21 CS8 PC5 ADDR22 CS9 PC6 ADDR23 CS10 ECLK CHIP SEL BLOCK AVEC GENERATOR DSACK GENERATOR PIN ASSIGNMENT REGISTER PIN DATA REGISTER BASE ADDRESS REGISTER TIMING AND CONTROL ADDRESS COMPARATOR OPTION COMPARE OPTION REGISTER AVEC DSACK PIN BUS CONTROL INTERNAL SIGNALS ADDRESS Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |